Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20N40KG-TF2-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 20N40KG-TF2-T
Description  N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20N40KG-TF2-T Datasheet(HTML) 2 Page - Unisonic Technologies

  20N40KG-TF2-T Datasheet HTML 1Page - Unisonic Technologies 20N40KG-TF2-T Datasheet HTML 2Page - Unisonic Technologies 20N40KG-TF2-T Datasheet HTML 3Page - Unisonic Technologies 20N40KG-TF2-T Datasheet HTML 4Page - Unisonic Technologies 20N40KG-TF2-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
20N40K-MT
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-B17.c
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
Continuous
TC=25°C
ID
20
A
Drain Current
Pulsed (Note 2)
IDM
80
A
Avalanche Current (Note 2)
IAR
20
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
1000
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation (TC=25°C)
45
W
Derate above 25°C
PD
0.35
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 5.01mH, IAS = 20A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤ 20A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
2.8
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
400
V
Breakdown Voltage Temperature Coefficient △BVDSS
/TJ Reference to 25°C, ID=250µA
0.5
V/°C
Drain-Source Leakage Current
IDSS
VDS=400V, VGS=0V
10
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=10A
0.15 0.22
DYNAMIC PARAMETERS
Input Capacitance
CISS
1170
pF
Output Capacitance
COSS
300
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
11.9
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
110
ns
Rise Time
tR
190
ns
Turn-OFF Delay Time
tD(OFF)
372
ns
Fall-Time
tF
VDS=30V, ID=0.5A, RG=25Ω
(Note 1, 2)
200
ns
Total Gate Charge at 10V
QG(TOT)
57
nC
Gate to Source Charge
QGS
15
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=50V, ID=1.3A
(Note 1, 2)
16
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
20
A
Maximum Body-Diode Pulsed Current
ISM
80
A
Drain-Source Diode Forward Voltage
VSD
ISD=23A, VGS=0V
1.5
V
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - 20N40KG-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N40 UTC-20N40 Datasheet
201Kb / 6P
   400V, 23A N-CHANNEL POWER MOSFET
logo
Motorola, Inc
20N40CL MOTOROLA-20N40CL Datasheet
133Kb / 6P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
logo
Unisonic Technologies
20N40G-T47-T UTC-20N40G-T47-T Datasheet
201Kb / 6P
   400V, 23A N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
20N40H KIA-20N40H Datasheet
445Kb / 7P
   20A竊?00V N-CHANNEL MOSFET
logo
Unisonic Technologies
20N40L-T47-T UTC-20N40L-T47-T Datasheet
201Kb / 6P
   400V, 23A N-CHANNEL POWER MOSFET
More results

Similar Description - 20N40KG-TF2-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com