Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20N40KL-TF2-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 20N40KL-TF2-T
Description  N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20N40KL-TF2-T Datasheet(HTML) 1 Page - Unisonic Technologies

  20N40KL-TF2-T Datasheet HTML 1Page - Unisonic Technologies 20N40KL-TF2-T Datasheet HTML 2Page - Unisonic Technologies 20N40KL-TF2-T Datasheet HTML 3Page - Unisonic Technologies 20N40KL-TF2-T Datasheet HTML 4Page - Unisonic Technologies 20N40KL-TF2-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
20N40K-MT
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-B17.c
20A, 400V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 20N40K-MT is an N-channel mode power MOSFET
using UTC’s advanced technology to provide customers with planar
stripe and DMOS technology. This technology allows a minimum
on-state resistance and superior switching performance. It also can
withstand high energy pulse in the avalanche and commutation
mode.
The UTC 20N40K-MT is generally applied in high efficiency
switch mode power supplies.
FEATURES
* RDS(ON) < 0.22Ω @ VGS = 10V, ID = 10A
* High Switching Speed
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
20N40KL-TF2-T
20N40KG-TF2-T
TO-220F2
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube
(2) TF2: TO-220F2
(3) L: Lead Free, G: Halogen Free and Lead Free
20N40KL-TF2-T
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - 20N40KL-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N40 UTC-20N40 Datasheet
201Kb / 6P
   400V, 23A N-CHANNEL POWER MOSFET
logo
Motorola, Inc
20N40CL MOTOROLA-20N40CL Datasheet
133Kb / 6P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
logo
Unisonic Technologies
20N40G-T47-T UTC-20N40G-T47-T Datasheet
201Kb / 6P
   400V, 23A N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
20N40H KIA-20N40H Datasheet
445Kb / 7P
   20A竊?00V N-CHANNEL MOSFET
logo
Unisonic Technologies
20N40L-T47-T UTC-20N40L-T47-T Datasheet
201Kb / 6P
   400V, 23A N-CHANNEL POWER MOSFET
More results

Similar Description - 20N40KL-TF2-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com