Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15NM50G-TF1-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 15NM50G-TF1-T
Description  N-CHANNEL SUPER-JUNCTION MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15NM50G-TF1-T Datasheet(HTML) 1 Page - Unisonic Technologies

  15NM50G-TF1-T Datasheet HTML 1Page - Unisonic Technologies 15NM50G-TF1-T Datasheet HTML 2Page - Unisonic Technologies 15NM50G-TF1-T Datasheet HTML 3Page - Unisonic Technologies 15NM50G-TF1-T Datasheet HTML 4Page - Unisonic Technologies 15NM50G-TF1-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
15NM50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R205-043.a
15A, 500V N-CHANNEL
SUPER-JUNCTION MOSFET
DESCRIPTION
The UTC 15NM50 is an Super Junction MOSFET Structure . It
uses UTC advanced planar stripe, DMOS technology to provide
customers
perfect
switching
performance,
minimal
on-state
resistance.
The UTC 15NM50 is universally applied in electronic lamp
ballasts based on half bridge topology, high efficiency switched
mode power supplies, active power factor correction, etc.
FEATURES
* RDS(ON) < 0.35Ω @ VGS=10V, ID=7.5A
* By using Super Junction Structure
* Fast Switching
* With 100% Avalanche Tested
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
15NM50L-TF1-T
15NM50G-TF1-T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube
(2) TF1:TO-220F1
(3) L: Lead Free, G: Halogen Free and Lead Free
15NM50L-TF1-T
(1) Packing Type
(2) Package Type
(3) Green Package
MARKING


Similar Part No. - 15NM50G-TF1-T

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
15NM65L-TF3-T DOINGTER-15NM65L-TF3-T Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
15NM65N STMICROELECTRONICS-15NM65N Datasheet
807Kb / 12P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
More results

Similar Description - 15NM50G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS10N65SJ BWTECH-MS10N65SJ Datasheet
744Kb / 6P
   N-Channel Super Junction MOSFET
logo
KODENSHI_AUK CORP.
SJMN60R38F KODENSHI-SJMN60R38F Datasheet
523Kb / 8P
   N-Channel Super Junction MOSFET
SJMN65R38F KODENSHI-SJMN65R38F Datasheet
521Kb / 8P
   N-Channel Super Junction MOSFET
SJMN60R38D KODENSHI-SJMN60R38D Datasheet
462Kb / 8P
   N-Channel Super Junction MOSFET
SJMN65R15F KODENSHI-SJMN65R15F Datasheet
516Kb / 8P
   N-Channel Super Junction MOSFET
SJMN078R60W KODENSHI-SJMN078R60W Datasheet
545Kb / 8P
   N-Channel Super-junction MOSFET
SJMN380R65F KODENSHI-SJMN380R65F Datasheet
574Kb / 8P
   N-Channel Super Junction MOSFET
SJMN600R65D KODENSHI-SJMN600R65D Datasheet
404Kb / 8P
   N-Channel Super Junction MOSFET
SJMN600R65F KODENSHI-SJMN600R65F Datasheet
575Kb / 8P
   N-Channel Super Junction MOSFET
logo
Shenzhen Huazhimei Semi...
HMS11N65 HMSEMI-HMS11N65 Datasheet
729Kb / 7P
   N-Channel Super Junction MOSFET
logo
KODENSHI_AUK CORP.
SJMN65R38D KODENSHI-SJMN65R38D Datasheet
440Kb / 8P
   N-Channel Super Junction MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com