Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10N60K-MT Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 10N60K-MT
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N60K-MT Datasheet(HTML) 6 Page - Unisonic Technologies

  10N60K-MT Datasheet HTML 1Page - Unisonic Technologies 10N60K-MT Datasheet HTML 2Page - Unisonic Technologies 10N60K-MT Datasheet HTML 3Page - Unisonic Technologies 10N60K-MT Datasheet HTML 4Page - Unisonic Technologies 10N60K-MT Datasheet HTML 5Page - Unisonic Technologies 10N60K-MT Datasheet HTML 6Page - Unisonic Technologies 10N60K-MT Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
10N60K-MT
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R205-022.h
TEST CIRCUITS AND WAVEFORMS (Cont.)
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 10N60K-MT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N60K UTC-10N60K Datasheet
178Kb / 6P
   10A, 600V N-CHANNEL POWER MOSFET
logo
SUNMATE electronic Co.,...
10N60K SUNMATE-10N60K Datasheet
2Mb / 8P
   N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
10N60KG-TF1-T UTC-10N60KG-TF1-T Datasheet
266Kb / 6P
   N-CHANNEL POWER MOSFET
10N60KG-TF2-T UTC-10N60KG-TF2-T Datasheet
266Kb / 6P
   N-CHANNEL POWER MOSFET
10N60KG-TF3-T UTC-10N60KG-TF3-T Datasheet
178Kb / 6P
   10A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 10N60K-MT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com