Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9N50K-MT Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 9N50K-MT
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N50K-MT Datasheet(HTML) 6 Page - Unisonic Technologies

  9N50K-MT Datasheet HTML 1Page - Unisonic Technologies 9N50K-MT Datasheet HTML 2Page - Unisonic Technologies 9N50K-MT Datasheet HTML 3Page - Unisonic Technologies 9N50K-MT Datasheet HTML 4Page - Unisonic Technologies 9N50K-MT Datasheet HTML 5Page - Unisonic Technologies 9N50K-MT Datasheet HTML 6Page - Unisonic Technologies 9N50K-MT Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
9N50K-MT
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R205-016.D
TEST CIRCUITS AND WAVEFORMS(Cont.)
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Same Type
as DUT
ISD
VGS
L
Driver
Peak Diode Recovery dv/dt Test Circuit & Waveforms
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current


Similar Part No. - 9N50K-MT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N50 UTC-9N50 Datasheet
180Kb / 6P
   9A, 500V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
9N50 ISC-9N50 Datasheet
54Kb / 2P
   Fast Switching Speed
logo
VBsemi Electronics Co.,...
9N50 VBSEMI-9N50 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
9N50B YFWDIODE-9N50B Datasheet
765Kb / 5P
   9A 500V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
9N50C FAIRCHILD-9N50C Datasheet
845Kb / 10P
   500V N-Channel MOSFET
More results

Similar Description - 9N50K-MT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com