Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7N65K-MTQ Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7N65K-MTQ
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N65K-MTQ Datasheet(HTML) 4 Page - Unisonic Technologies

  7N65K-MTQ Datasheet HTML 1Page - Unisonic Technologies 7N65K-MTQ Datasheet HTML 2Page - Unisonic Technologies 7N65K-MTQ Datasheet HTML 3Page - Unisonic Technologies 7N65K-MTQ Datasheet HTML 4Page - Unisonic Technologies 7N65K-MTQ Datasheet HTML 5Page - Unisonic Technologies 7N65K-MTQ Datasheet HTML 6Page - Unisonic Technologies 7N65K-MTQ Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
7N65K-MTQ
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R205-020.E
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS = 650V, VGS = 0V
10
μA
Forward
VGS = 30V, VDS = 0V
100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS = -30V, VDS = 0V
-100 nA
Breakdown Voltage Temperature Coefficient △BVDSS/△TJ ID=250μA, Referenced to 25°C
0.53
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 3.5A
1.6
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
875 1000 pF
Output Capacitance
COSS
88
120
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V,
f=1.0 MHz
8
25
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
50
60
ns
Turn-On Rise Time
tR
65
80
ns
Turn-Off Delay Time
tD(OFF)
110 130
ns
Turn-Off Fall Time
tF
VDD=30V, ID =0.5A,
RG =25Ω (Note 1, 2)
55
70
ns
Total Gate Charge
QG
22.5
40
nC
Gate-Source Charge
QGS
7.5
nC
Gate-Drain Charge
QGD
VDS=50V, ID=1.3A,
VGS=10V (Note 1, 2)
5
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 7 A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
7
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
28
A
Body Diode Reverse Recovery Time
trr
320
ns
Body Diode Reverse Recovery Charge
QRR
IS=7A, di/dt=100A/μs
2.4
nC
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 7N65K-MTQ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65K UTC-7N65K Datasheet
204Kb / 6P
   7.4A, 650V N-CHANNEL POWER MOSFET
logo
SUNMATE electronic Co.,...
7N65K SUNMATE-7N65K Datasheet
2Mb / 9P
   N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
7N65K VBSEMI-7N65K Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Unisonic Technologies
7N65KG-TA3-T UTC-7N65KG-TA3-T Datasheet
204Kb / 6P
   7.4A, 650V N-CHANNEL POWER MOSFET
7N65KG-TF1-T UTC-7N65KG-TF1-T Datasheet
204Kb / 6P
   7.4A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 7N65K-MTQ

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com