Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1300900117 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300900117
Description  Woodhead Standard Duty Reel with Flying Leads, 14/3 SJTOW Cord, 13.72m Cord Length
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300900117 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300900117 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300900117
Status:
Active
Description:
Woodhead® Standard Duty Reel with Flying Leads, 14/3 SJTOW Cord, 13.72m Cord
Length
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Electric Reels
Series
130090
Cable Length
0.457m (1.50')
Depth
0.30m (11.75")
Duty
Standard
Enclosure Rating
NEMA 1
Height
0.36m (14.25")
NEMA Configuration
NEMA 5-15
Product Name
Super-Safeway™
Type
Cord Reel
UPC
78678857525
Width
196.85mm (7.750")
Woodhead
Yes
Physical
Cable Movement
Ratchet Lock
Cord Length
13.72m (45.0')
Drum Lock
Ratchet
Guide Arm
2 - Position
Material - Coating
Powder Coating
Material - Housing
Steel/Polycarbonate
Mounting Style
Rigid
Number of Conductors
3
Packaging Type
Carton
Primary Cord/Cable Entry
N/A
Retraction Weight
1.4kg (3.0 lb)
Wire Size AWG
14
Electrical
Bulb Included
N/A
Cord Type
14/3 SJTOW
Current - Maximum per Contact
11.0A
GFCI
No
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
On/Off Switch
N/A
Voltage - Maximum
120V
Material Info
Old Part Number
990WC
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130090 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300900117

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300900008 MOLEX11-1300900008 Datasheet
33Kb / 2P
   Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 10.67m (35.0) Cord Length with
1300900009 MOLEX11-1300900009 Datasheet
33Kb / 2P
   Woodhead Standard Duty Reel with Flying Leads, 16/3 SJTOW Cord, 10.67m
1300900010 MOLEX11-1300900010 Datasheet
33Kb / 2P
   Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 10.67m
1300900015 MOLEX11-1300900015 Datasheet
33Kb / 2P
   Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 10.67m (35.0) Cord Length with 100W Incandescent Hand Lamp and Rubber Handle
1300900018 MOLEX11-1300900018 Datasheet
33Kb / 2P
   Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 10.67m
More results

Similar Description - 1300900117

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300910045 MOLEX11-1300910045 Datasheet
36Kb / 2P
   Woodhead Standard Duty Reel with Flying Leads, 14/3 SJTOW Cord
1300910064 MOLEX11-1300910064 Datasheet
35Kb / 1P
   Woodhead Standard Duty Reel, 14/3 SJTOW Cord, 13.72m
1300910056 MOLEX11-1300910056 Datasheet
36Kb / 2P
   Woodhead Standard Duty Reel, 14/3 SJTOW Cord, 13.72m (45.0) Cord Length with
1300910049 MOLEX11-1300910049 Datasheet
36Kb / 2P
   Woodhead Standard Duty Reel, 14/3 SJTOW Cord, 13.72m
130091-0055 MOLEX11-130091-0055 Datasheet
50Kb / 2P
   Woodhead Standard Duty Reel, 14/3 SJTOW Cord, 13.72m
1300910062 MOLEX11-1300910062 Datasheet
36Kb / 2P
   Woodhead Standard Duty Reel, 14/3 SJTOW Cord, 13.72m
1300910061 MOLEX11-1300910061 Datasheet
36Kb / 2P
   Woodhead Standard Duty Reel, 14/3 SJTOW Cord, 13.72m
1300910205 MOLEX11-1300910205 Datasheet
36Kb / 2P
   Woodhead Standard Duty Cord Reel with Flying Leads, 12/3 SJTOW Cord
1300910053 MOLEX11-1300910053 Datasheet
36Kb / 2P
   Woodhead Standard Cord Reel, 14/3 SJTOW Cord, 13.72m
1300910059 MOLEX11-1300910059 Datasheet
36Kb / 2P
   Woodhead Standard Cord Reel, 14/3 SJTOW Cord, 13.72m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com