Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1300900008 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300900008
Description  Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 10.67m (35.0) Cord Length with
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300900008 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300900008 Datasheet HTML 1Page - Molex Electronics Ltd. 1300900008 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300900008
Status:
Active
Overview:
Electric Reels
Description:
Woodhead® Standard Cord Reel, 16/3 SJTOW Cord, 10.67m (35.0') Cord Length with
15A Connector, NEMA 5-15
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
UL
E22769
General
Product Family
Electric Reels
Series
130090
Cable Length
0.457m (1.50')
Comments
Ratchet Lock (ON/OFF Switchable)
Depth
0.24m (9.59")
Duty
Standard
Enclosure Rating
NEMA 1
Height
0.32 (12.62")
NEMA Configuration
NEMA 5-15
Overview
Electric Reels
Product Literature Order No
987650-8061
Product Name
Super-Safeway™
Type
Cord Reel
UPC
78678835149
Width
13.06mm (5.160")
Woodhead
Yes
Physical
Cable Movement
Ratchet Lock
Cord Length
10.67m (35.0')
Drum Lock
Ratchet
Material - Coating
Powder Coating
Material - Housing
Steel
Mounting Style
Swinging
Number of Conductors
3
Number of Receptacles
1
Packaging Type
Carton
Primary Cord/Cable Entry
N/A
Retraction Weight
0.9kg (2.0 lb)
Wire Size AWG
16
Electrical
Bulb Included
N/A
Cord Type
16/3 SJTOW
Current - Maximum per Contact
6.0A
GFCI
No
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
On/Off Switch
No
Voltage - Maximum
120V
Material Info
Old Part Number
945-1547
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130090 Series


Similar Part No. - 1300900008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300900009 MOLEX11-1300900009 Datasheet
33Kb / 2P
   Woodhead Standard Duty Reel with Flying Leads, 16/3 SJTOW Cord, 10.67m
More results

Similar Description - 1300900008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300910087 MOLEX11-1300910087 Datasheet
36Kb / 2P
   Woodhead Standard Cord Reel, 12/3 SJTOW Cord, 10.67m (35.0) Cord Length with 15A Connector
1300900019 MOLEX11-1300900019 Datasheet
36Kb / 2P
   Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 10.67m
1300910090 MOLEX11-1300910090 Datasheet
36Kb / 2P
   Woodhead Standard Cord Reel, 12/3 SJTOW Cord, 10.67m
1300910094 MOLEX11-1300910094 Datasheet
36Kb / 2P
   Woodhead Standard Cord Reel, 12/3 SJTOW Cord, 10.67m
1300910201 MOLEX11-1300910201 Datasheet
36Kb / 2P
   Woodhead Standard Duty Cord Reel, 12/3 SJTOW Cord, 10.67m
1300910209 MOLEX11-1300910209 Datasheet
36Kb / 2P
   Woodhead Standard Duty Cord Reel, 12/3 SJTOW Cord, 10.67m
1300910214 MOLEX11-1300910214 Datasheet
36Kb / 2P
   Woodhead Standard Duty Cord Reel, 12/3 SJTOW Cord, 10.67m
1300910208 MOLEX11-1300910208 Datasheet
36Kb / 2P
   Woodhead Standard Duty Cord Reel, 12/3 SJTOW Cord, 10.67m
1300910204 MOLEX11-1300910204 Datasheet
36Kb / 2P
   Woodhead Standard Duty Cord Reel, 12/3 SJTOW Cord, 10.67m
1300910206 MOLEX11-1300910206 Datasheet
36Kb / 2P
   Woodhead Standard Duty Cord Reel, 12/3 SJTOW Cord, 10.67m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com