Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

600-090bandstraps Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 600-090bandstraps
Description  HiPer-D Accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

600-090bandstraps Datasheet(HTML) 1 Page - Glenair, Inc.

  600-090bandstraps Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES 28
HiPer-D Accessories
E
BAND ASTER™ ATS TOOL AND BANDS
1 BandinstallationTool.Usewith.240"(6.10mm)
wide bands. 6.75 inches (172 mm) length, 1.2
pounds (0.6 Kg.)
1
2 StandardBand,.240"(6.10mm)wide.Available
2
Figure
Description
Part Number
Band installation Tool
Figure
Length
Part Number
Accommodates Diameter
in.
mm
Flat
Pre-Coiled
in.
mm
Contact Glenair or visit our website (glenair.com) to view our complete line of Band-Master™ ATS products,
including pneumatic tools for high volume production and calibration kits.
TAIL LENGTH
INDICATOR MARK
.240 (6.10)
.350 (8.9)
LENGTH ± .060 (1.5)
Band-MasterATS tool and bands for termination of cable braid
600-058 tool, 600-052 and 600-090 band straps
1. Prepare Cable Braid for termination process
(Figure 1).
2. Push Braid forward over Adapter Retention Lip
to the Adapter Incline Point (or .4" [10.2mm]
minimum braid length). Milk Braid as required
shield termination area (Figure 2).
3. Prepare the Band in the following manner:
IMPORTANT:DuetoConnector/Adaptercircum-
ference,itmaybenecessarytopreparetheBand
around the Cable or Retention Area.
A. Roll Band through the Buckle Slot twice.
(Bands must be double-coiled.)
B. Pull on Band until Mark (
) is within ap-
proximately .250 inch (6.4mm) of Buckle
Slot (Figure 3). The Band may be tightened
further if desired.
NOTE: Prepared Band should have (
) Mark
visible approximately where shown in Figure 3.
Shield Termination
Clamping Process (Figures 4 thru 8)
NOTE: To free Tool Handles, move Holding Clips
to center of Tool.
4. Squeeze Gripper Release Lever and insert
Band into the front end opening of theTool.
(NOTE:Circularportionofloopedbandmust
always face downward.)
5. Aligning the Band and Tool with the Shield
Termination Area, squeeze Black Pull-Up
Handle repeatedly using short strokes until
itlocksagainstToolBody. (Thisindicatesthe
BandiscompressedtotheToolPrecalibrated
Tension.)
NOTE: If alignment of band and shield is un-
satisfactory, tension on band can be relaxed
by pushing on slotted release lever on top
of tool. Make adjustments as necessary and
again squeeze black pull-up handle.
6. Complete the Clamping Process by squeez-
7. Remove excess band from tool and dispose.
8. Inspect Shield Termination.
BAND ASTER™ SHIELD TERMINATION INSTRUCTIONS
1
3
5
7
Buckle
Tail Length
Indicator Mark
Adapter
Retention Lip
Conductors
Braid
Adapter
Incline
2
4
6
8
.400 (1.2mm) Min.
Length Braid Over
Termination Area
Band-
Master™ ATS 300 series SST/passivate I.A.W. AMS 2700. The Band-Master™ ATS
with just one band size. Approved for aerospace and defense, these straps have
successfully passed rigorous shock, vibration and environmental testing.


Similar Part No. - 600-090bandstraps

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-090 GLENAIR-600-090 Datasheet
268Kb / 1P
   Series 811 Mighty Mouse High Density (HD) Contacts and Tools Band-Master??Advanced Termination System Bands and instructions
600-090-1 GLENAIR-600-090-1 Datasheet
210Kb / 1P
   Band-It짰 Shield Termination System
600-090-1 GLENAIR-600-090-1 Datasheet
268Kb / 1P
   Series 811 Mighty Mouse High Density (HD) Contacts and Tools Band-Master??Advanced Termination System Bands and instructions
More results

Similar Description - 600-090bandstraps

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
289-014 GLENAIR-289-014 Datasheet
127Kb / 1P
   HiPer-D Accessories
289-057 GLENAIR-289-057 Datasheet
151Kb / 1P
   HiPer-D Accessories
289-003 GLENAIR-289-003 Datasheet
227Kb / 2P
   HiPer-D Accessories
289-052 GLENAIR-289-052 Datasheet
89Kb / 1P
   HiPer-D Accessories
289-012 GLENAIR-289-012 Datasheet
230Kb / 2P
   HiPer-D Accessories
289-015 GLENAIR-289-015 Datasheet
179Kb / 1P
   HiPer-D Accessories
280-088P GLENAIR-280-088P Datasheet
330Kb / 2P
   HiPer-D Combo Connectors
280-050P GLENAIR-280-050P Datasheet
245Kb / 2P
   HiPer-D Combo Connectors
280-047S GLENAIR-280-047S Datasheet
212Kb / 2P
   HiPer-D Combo Connectors
280-051S GLENAIR-280-051S Datasheet
210Kb / 2P
   HiPer-D Combo Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com