Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2268I Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XC2268I
Description  16/32-Bit Single-Chip Microcontroller
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2268I Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XC2268I Datasheet HTML 7Page - Infineon Technologies AG XC2268I Datasheet HTML 8Page - Infineon Technologies AG XC2268I Datasheet HTML 9Page - Infineon Technologies AG XC2268I Datasheet HTML 10Page - Infineon Technologies AG XC2268I Datasheet HTML 11Page - Infineon Technologies AG XC2268I Datasheet HTML 12Page - Infineon Technologies AG XC2268I Datasheet HTML 13Page - Infineon Technologies AG XC2268I Datasheet HTML 14Page - Infineon Technologies AG XC2268I Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
XC2268I
XC2000 Family Derivatives / Premium Line
Summary of Features
Data Sheet
11
V1.3, 2014-07
1.3
Definition of Feature Variants
The XC2268I types are offered with several Flash memory sizes. Table 3 describes the
location of the available memory areas for each Flash memory size.
The XC2268I types are offered with different interface options. Table 5 lists the available
channels for each option.
Table 3
Flash Memory Allocation
Total Flash Size
Flash Area A
1)
1) The uppermost 4-Kbyte sector of the first Flash segment is reserved for internal use (C0’F000
H to C0’FFFFH).
Flash Area B
Flash Area C
1 088 Kbytes
C0’0000
H
C0’EFFF
H
C1’0000
H
D0’FFFF
H
n.a.
832 Kbytes
C0’0000
H
C0’EFFF
H
C1’0000
H
CB’FFFF
H
D0’0000
H
D0’FFFF
H
576 Kbytes
C0’0000
H
C0’EFFF
H
C1’0000
H
C7’FFFF
H
D0’0000
H
D0’FFFF
H
Table 4
Flash Memory Module Allocation (in Kbytes)
Total Flash Size
Flash 0
1)
1) The uppermost 4-Kbyte sector of the first Flash segment is reserved for internal use (C0’F000
H to C0’FFFFH).
Flash 1
Flash 2
Flash 3
Flash 4
1 088 Kbytes
256
256
256
256
64
832 Kbytes
256
256
256
---
64
576 Kbytes
256
256
---
---
64
Table 5
Interface Channel Association
Total Number
Available Channels
11 ADC0 channels
CH0, CH2
… CH5, CH8 … CH11, CH13, CH15
8 ADC1 channels
CH0, CH2, CH4, CH5, CH6 (overlay: CH8
… CH11),
CH12, CH13, CH14
6 CAN nodes
CAN0, CAN1, CAN2, CAN3, CAN4, CAN5
256 message objects
10 serial channels
U0C0, U0C1, U1C0, U1C1, U2C0, U2C1, U3C0, U3C1,
U4C0, U4C1


Similar Part No. - XC2268I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2268M INFINEON-XC2268M Datasheet
1Mb / 128P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family Derivatives / Base Line
V2.0 2009-03
XC2268M-104FxxL INFINEON-XC2268M-104FxxL Datasheet
1Mb / 133P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1 2011-07
XC2268M-56FxxL INFINEON-XC2268M-56FxxL Datasheet
1Mb / 133P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1 2011-07
XC2268M-72FxxL INFINEON-XC2268M-72FxxL Datasheet
1Mb / 133P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1 2011-07
XC2268M INFINEON-XC2268M_11 Datasheet
1Mb / 133P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1 2011-07
More results

Similar Description - XC2268I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2700 INFINEON-XC2700 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.7 2014-10
XC2788X INFINEON-XC2788X Datasheet
1Mb / 140P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2230L INFINEON-XC2230L_15 Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller
V1.3 2015-02
XC2300 INFINEON-XC2300 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.9 2014-10
XC2336B INFINEON-XC2336B_14 Datasheet
625Kb / 107P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2368E INFINEON-XC2368E Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com