Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT120N Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TT120N
Description  Electrically insulated base plate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TT120N Datasheet(HTML) 3 Page - Infineon Technologies AG

  TT120N Datasheet HTML 1Page - Infineon Technologies AG TT120N Datasheet HTML 2Page - Infineon Technologies AG TT120N Datasheet HTML 3Page - Infineon Technologies AG TT120N Datasheet HTML 4Page - Infineon Technologies AG TT120N Datasheet HTML 5Page - Infineon Technologies AG TT120N Datasheet HTML 6Page - Infineon Technologies AG TT120N Datasheet HTML 7Page - Infineon Technologies AG TT120N Datasheet HTML 8Page - Infineon Technologies AG TT120N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Netz-Thyristor-Modul
Phase Control Thyristor Module
Technische Information /
technical information
TT120N16SOF
Date of Publication 2014-11-12
Revision: 3.2
Seite/page: 3/11
Thermische Eigenschaften
Mechanische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Charakteristische Werte / Characteristic values
Freiwerdezeit
circuit commutated turn-off time
Tvj = Tvj max, iTM = ITAVM
vRM = 100 V, vDM = 0,67 VDRM
dvD/dt = 20 V/µs, -diT/dt = 10 A/µs
5.Kennbuchstabe / 5
th letter O
tq
typ.
200 µs
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50 Hz, t = 1min
RMS, f = 50 Hz, t = 1sec
VISOL
3,0
3,6
kV
kV
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Modul / per Module,
Θ = 180° sin
pro Zweig / per arm,
Θ = 180° sin
pro Modul / per Module, DC
pro Zweig / per arm, DC
RthJC
max.
max.
max.
max.
0,100
0,200
0,095
0,190
K/W
K/W
K/W
K/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Modul / per Module
pro Zweig / per arm
RthCH
max.
max.
0,11
0,22
K/W
K/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
130 °C
Betriebstemperatur
operating temperature
Tc op
-40...+125 °C
Lagertemperatur
storage temperature
Tstg
-40...+125 °C
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 4
page 4
Innere Isolation
internal insulation
Basisisolierung (Schutzklasse 1, EN61140)
Basic insulation (class 1, IEC61140)
Al2O3
Anzugsdrehmoment für mechanische Anschlüsse
mounting torque
Toleranz / Tolerance ± 15%
M1
5
Nm
Anzugsdrehmoment für elektrische Anschlüsse
terminal connection torque
Toleranz / Tolerance ± 15%
M2
3
Nm
Steueranschlüsse
control terminals
DIN 46 244
A 2,8 x 0,8
Gewicht
weight
G
typ.
75 g
Kriechstrecke
creepage distance
mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²
file-No.
E 83335


Similar Part No. - TT120N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TT120N16SOF INFINEON-TT120N16SOF Datasheet
508Kb / 11P
   Solder-Solder Technology
2017-08-23 Revision: 3.5
More results

Similar Description - TT120N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD100N INFINEON-DD100N Datasheet
359Kb / 10P
   Electrically insulated base plate
2014-08-15 Revision 3.1
logo
GeneSiC Semiconductor, ...
MBR2X060A150 GENESIC-MBR2X060A150 Datasheet
395Kb / 3P
   Electrically Isolated Base Plate
MBR2X080A120 GENESIC-MBR2X080A120 Datasheet
400Kb / 3P
   Electrically Isolated Base Plate
MBR2X120A180 GENESIC-MBR2X120A180 Datasheet
314Kb / 3P
   Electrically Isolated Base Plate
logo
Vishay Siliconix
VS-VSKS500 VISHAY-VS-VSKS500 Datasheet
157Kb / 8P
   Electrically isolated base plate
Revision: 19-Dec-13
logo
GeneSiC Semiconductor, ...
MBR2X080A080 GENESIC-MBR2X080A080 Datasheet
326Kb / 3P
   Electrically Isolated Base Plate
MBR2X100A045 GENESIC-MBR2X100A045 Datasheet
340Kb / 3P
   Electrically Isolated Base Plate
MBR2X060A180 GENESIC-MBR2X060A180 Datasheet
323Kb / 3P
   Electrically Isolated Base Plate
MBR2X080A100 GENESIC-MBR2X080A100 Datasheet
326Kb / 3P
   Electrically Isolated Base Plate
MBR2X080A150 GENESIC-MBR2X080A150 Datasheet
323Kb / 3P
   Electrically Isolated Base Plate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com