Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE42794E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42794E
Description  Very low Current Consumption
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42794E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42794E Datasheet HTML 5Page - Infineon Technologies AG TLE42794E Datasheet HTML 6Page - Infineon Technologies AG TLE42794E Datasheet HTML 7Page - Infineon Technologies AG TLE42794E Datasheet HTML 8Page - Infineon Technologies AG TLE42794E Datasheet HTML 9Page - Infineon Technologies AG TLE42794E Datasheet HTML 10Page - Infineon Technologies AG TLE42794E Datasheet HTML 11Page - Infineon Technologies AG TLE42794E Datasheet HTML 12Page - Infineon Technologies AG TLE42794E Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TLE42794
General Product Characteristics
Data Sheet
9
Rev. 1.2, 2014-07-03
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Table 2
Functional Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Input Voltage
V
I
5.5
45
V
P_4.2.1
Output Capacitor’s Requirements
for Stability
C
Q
10
µF
1)
1) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
P_4.2.2
Output Capacitor’s Requirements
for Stability
ESR(C
Q)
––
3
2)
2) relevant ESR value at
f =10kHz
P_4.2.3
Junction Temperature
T
j
-40
150
°C
P_4.2.4


Similar Part No. - TLE42794E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42794E INFINEON-TLE42794E Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
More results

Similar Description - TLE42794E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754_14 Datasheet
1Mb / 29P
   Very low Current Consumption
TLE42744 INFINEON-TLE42744_14 Datasheet
1Mb / 21P
   Very Low Current Consumption
logo
ILSI America LLC
ISM36 ILSI-ISM36 Datasheet
125Kb / 2P
   Very Low Current Consumption
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
   Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
New Japan Radio
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
   High Voltage Very low current consumption Io=100mA Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com