Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM34919B-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM34919B-Q1
Description  Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34919B-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM34919B-Q1 Datasheet HTML 1Page - Texas Instruments LM34919B-Q1 Datasheet HTML 2Page - Texas Instruments LM34919B-Q1 Datasheet HTML 3Page - Texas Instruments LM34919B-Q1 Datasheet HTML 4Page - Texas Instruments LM34919B-Q1 Datasheet HTML 5Page - Texas Instruments LM34919B-Q1 Datasheet HTML 6Page - Texas Instruments LM34919B-Q1 Datasheet HTML 7Page - Texas Instruments LM34919B-Q1 Datasheet HTML 8Page - Texas Instruments LM34919B-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
VIN
SW
BST
LM34919B
VCC
SS
RON/SD
6V - 40V
Input
C1
RON
R2
R1
C2
VOUT
L1
C3
C4
D1
C6
RTN
ISEN
SGND
FB
SHUTDOWN
R3
LM34919B
LM34919B-Q1
www.ti.com
SNVS623B – MAY 2010 – REVISED JULY 2013
LM34919B Ultra-Small 40-V 600-mA Constant On-Time
Buck Switching Regulator
Check for Samples: LM34919B, LM34919B-Q1
1
FEATURES
TYPICAL APPLICATIONS
2
AEC-Q100 Grade 1 Qualified (-40°C to 125°C)
Automotive Safety and Infotainment
Maximum Switching Frequency: 2.6 MHz
High Efficiency Point-Of-Load (POL) Regulator
(VIN=14V,Vo=3.3V)
Non-Isolated Telecommunication Buck
Input Voltage Range: 6V to 40V
Regulator
Integrated N-Channel Buck Switch
Secondary High Voltage Post Regulator
Integrated Startup Regulator
DESCRIPTION
No loop compensation Required
The
LM34919B
Step-Down
Switching
Regulator
Ultra-Fast transient Response
features all of the functions needed to implement a
Operating frequency remains constant with
low cost, efficient, buck bias regulator capable of
Load Current and Input Voltage
supplying 0.6A to the load. This buck regulator
contains an N-Channel Buck Switch, and is available
Maximum Duty Cycle Limited During Startup
in a 10-pin DSBGA package. The constant on-time
Adjustable Output Voltage
feedback
regulation
scheme
requires
no
loop
Valley Current Limit At 0.64A
compensation, results in fast load transient response,
and simplifies circuit implementation. The operating
Precision Internal Reference
frequency remains constant with line and load
Low Bias Current
variations due to the inverse relationship between the
Highly Efficient Operation
input voltage and the on-time. The valley current limit
results in a smooth transition from constant voltage to
Thermal Shutdown
constant current mode when current limit is detected,
10-Pin DSBGA Package
reducing the frequency and output voltage, without
the use of foldback. Additional features include: VCC
under-voltage lockout, thermal shutdown, gate drive
under-voltage lockout, and maximum duty cycle
limiter.
Basic Step-Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM34919B-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919B NSC-LM34919B Datasheet
647Kb / 12P
   Evaluation Board provides the design engineer with a fully functional
LM34919BQTL NSC-LM34919BQTL Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919BQTLX NSC-LM34919BQTLX Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919BTL NSC-LM34919BTL Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM34919B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com