Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27342-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM27342-Q1
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27342-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  LM27342-Q1 Datasheet HTML 1Page - Texas Instruments LM27342-Q1 Datasheet HTML 2Page - Texas Instruments LM27342-Q1 Datasheet HTML 3Page - Texas Instruments LM27342-Q1 Datasheet HTML 4Page - Texas Instruments LM27342-Q1 Datasheet HTML 5Page - Texas Instruments LM27342-Q1 Datasheet HTML 6Page - Texas Instruments LM27342-Q1 Datasheet HTML 7Page - Texas Instruments LM27342-Q1 Datasheet HTML 8Page - Texas Instruments LM27342-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
3
4
7
9
8
PVIN
SW
EN
DAP
AVIN
GND
BOOST
6
10
1
5
SYNC
FB
SW
PVIN
1
2
3
4
SW
BOOST
GND
AVIN
PVIN
PVIN
5
FB
EN
SYNC
SW
6
7
8
9
10
DAP
LM27341/2
VIN
PVIN
EN
BOOST
SW
FB
GND / DAP
VOUT
C2
L1
C1
C3
R1
R2
D1
SYNC
AVIN
CLK
ON
OFF
LM27341, LM27342, LM27341-Q1, LM27342-Q1
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
www.ti.com
Typical Application Circuit
Figure 1.
Figure 2. Efficiency vs Load Current
VOUT = 5V, fsw = 2 MHz
Connection Diagram
Figure 3. 10-Lead SON (Top View)
Figure 4. 10-Lead MSOP-PowerPad (Top View)
See DSC0010A Package
See DGQ0010A Package
PIN DESCRIPTIONS
Pin
Name
Function
1, 2
SW
Output switch. Connects to the inductor, catch diode, and bootstrap capacitor.
3
BOOST
Boost voltage that drives the internal NMOS control switch. A bootstrap capacitor is connected between the
BOOST and SW pins.
4
EN
Enable control input. Logic high enables operation. Do not allow this pin to float or be greater than VIN + 0.3V.
5
SYNC
Frequency synchronization input. Drive this pin with an external clock or pulse train. Ground it to use the
internal clock.
6
FB
Feedback pin. Connect FB to the external resistor divider to set output voltage.
7
GND
Signal and Power Ground pin. Place the bottom resistor of the feedback network as close as possible to this
pin for accurate regulation.
8
AVIN
Supply voltage for the control circuitry.
9, 10
PVIN
Supply voltage for output power stage. Connect a bypass capacitor to this pin.
DAP
GND
Signal / Power Ground and thermal connection. Tie this directly to GND (pin 7). See Application Information
regarding optimum thermal layout.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1


Similar Part No. - LM27342-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27342 TI1-LM27342 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM27342MY NSC-LM27342MY Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27342MY NSC-LM27342MY Datasheet
769Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27342MYX NSC-LM27342MYX Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27342MYX NSC-LM27342MYX Datasheet
769Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Similar Description - LM27342-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341 NSC-LM27341_10 Datasheet
769Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341_14 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM3671 TI-LM3671_15 Datasheet
6Mb / 36P
[Old version datasheet]   LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com