Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26001 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM26001
Description  LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26001 Datasheet(HTML) 3 Page - Texas Instruments

  LM26001 Datasheet HTML 1Page - Texas Instruments LM26001 Datasheet HTML 2Page - Texas Instruments LM26001 Datasheet HTML 3Page - Texas Instruments LM26001 Datasheet HTML 4Page - Texas Instruments LM26001 Datasheet HTML 5Page - Texas Instruments LM26001 Datasheet HTML 6Page - Texas Instruments LM26001 Datasheet HTML 7Page - Texas Instruments LM26001 Datasheet HTML 8Page - Texas Instruments LM26001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Exposed Pad
Connect to GND
GND 8
VIN 1
VIN 2
PGOOD 3
EN 4
SS 5
COMP 6
FB 7
9 FREQ
10 FPWM
11 SYNC
12 VBIAS
13 VDD
14 BOOT
15 SW
16 SW
LM26001, LM26001-Q1
www.ti.com
SNVS430I – MAY 2006 – REVISED MARCH 2015
5 Pin Configuration and Functions
16-Pin
HTSSOP Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VIN
A
Power supply input
2
VIN
A
Power supply input
3
PGOOD
O
Power Good pin. An open-drain output which goes high when the output voltage is greater than
92% of nominal.
4
EN
I
Enable is an analog level input pin. When pulled below 0.8 V, the device enters shutdown mode.
5
SS
A
Soft-start pin. Connect a capacitor from this pin to GND to set the soft-start time.
6
COMP
A
Compensation pin. Connect to a resistor capacitor pair to compensate the control loop.
7
FB
A
Feedback pin. Connect to a resistor divider between Vout and GND to set output voltage.
8
GND
G
Ground
9
FREQ
A
Frequency adjust pin. Connect a resistor from this pin to GND to set the operating frequency.
10
FPWM
I
FPWM is a logic level input pin. For normal operation, connect to GND. When pulled high, sleep
mode operation is disabled.
11
SYNC
I
Frequency synchronization pin. Connect to an external clock signal for synchronized operation.
SYNC must be pulled low for non-synchronized operation.
12
VBIAS
A
Connect to an external 3-V or greater supply to bypass the internal regulator for improved efficiency.
If not used, VBIAS should be tied to GND.
13
VDD
A
The output of the internal regulator. Bypass with a minimum 1.0-µF capacitor.
14
BOOT
A
Bootstrap capacitor pin. Connect a 0.1-µF minimum ceramic capacitor from this pin to SW to
generate the gate drive bootstrap voltage.
15
SW
A
Switch pin. The source of the internal N-channel switch.
16
SW
A
Switch pin. The source of the internal N-channel switch.
EP
EP
G
Exposed Pad thermal connection. Connect to GND.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM26001 LM26001-Q1


Similar Part No. - LM26001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results

Similar Description - LM26001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
LM2651 TI1-LM2651_16 Datasheet
887Kb / 23P
[Old version datasheet]   1.5 A High-Efficiency Synchronous Switching Regulator
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
[Old version datasheet]   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com