Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSL316C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSL316C
Description  Enhancement mode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL316C Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSL316C_14 Datasheet HTML 1Page - Infineon Technologies AG BSL316C_14 Datasheet HTML 2Page - Infineon Technologies AG BSL316C_14 Datasheet HTML 3Page - Infineon Technologies AG BSL316C_14 Datasheet HTML 4Page - Infineon Technologies AG BSL316C_14 Datasheet HTML 5Page - Infineon Technologies AG BSL316C_14 Datasheet HTML 6Page - Infineon Technologies AG BSL316C_14 Datasheet HTML 7Page - Infineon Technologies AG BSL316C_14 Datasheet HTML 8Page - Infineon Technologies AG BSL316C_14 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BSL316C
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
P C iss
-
212
282
pF
N
-
71
94
Output capacitance
P C oss
-
69
91
N
-
26
35
Reverse transfer capacitance
P Crss
-
56
84
N
-
5
7
Turn-on delay time
P t d(on)
-
5.0
-
ns
N
-
3.4
-
Rise time
P t r
-
6.5
-
N
-
2.3
-
Turn-off delay time
P t d(off)
-
14.3
-
N
-
5.8
-
Fall time
P t f
-
7.5
-
N
-
1.0
-
Gate Charge Characteristics
Gate to source charge
P Q gs
-
-0.6
-
nC
Gate to drain charge
Q gd
-
-1.2
-
Switching charge
Q g
-
-2.4
-
Gate plateau voltage
V plateau
-
-2.9
-
Gate to source charge
N Q gs
-
0.3
-
Gate to drain charge
Q gd
-
0.2
-
Switching charge
Q g
0.6
-
Gate plateau voltage
V plateau
-
3.4
-
V DD=15 V,
I D=1.4 A,
V GS=0 to 5 V
Values
V GS=0 V,
P: V DS=-15 V,
N: V DS= 15 V,
f =1 MHz
P: V DD=-15 V,
V GS=-10 V, R G=6 W,
I D=-1.5 A
N: V DD=15 V,
V GS=10 V, R G=6 W,
I D=1.4 A
V DD=-15 V,
I D=-1.5 A,
V GS=0 to -5 V
Rev. 2.3
page 3
2014-07-21


Similar Part No. - BSL316C_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL316C INFINEON-BSL316C Datasheet
278Kb / 13P
   OptiMOS??2 OptiMOS??P 2 Small Signal Transistor
Rev. 2.1 2009-02-10
More results

Similar Description - BSL316C_14

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUZ50B NJSEMI-BUZ50B Datasheet
102Kb / 4P
   Enhancement mode
BUZ41A NJSEMI-BUZ41A Datasheet
105Kb / 4P
   Enhancement mode
BUZ72A NJSEMI-BUZ72A Datasheet
98Kb / 4P
   Enhancement mode
logo
Infineon Technologies A...
BSL296SN INFINEON-BSL296SN Datasheet
546Kb / 10P
   Enhancement mode
Rev 2.0 2014-10-16
BSP612P INFINEON-BSP612P Datasheet
503Kb / 9P
   Enhancement mode
Rev 2.0 2015-10-07
BSZ15DC02KDH INFINEON-BSZ15DC02KDH Datasheet
576Kb / 13P
   Enhancement mode
Rev 2.2 2014-08-28
BSD223P INFINEON-BSD223P_14 Datasheet
326Kb / 9P
   Enhancement mode
Rev.1.6 2014-07-29
BSD235N INFINEON-BSD235N_14 Datasheet
507Kb / 9P
   Enhancement mode
Rev 2.5 2014-07-29
SPI80N06S2L-11 INFINEON-SPI80N06S2L-11 Datasheet
338Kb / 8P
   Enhancement mode
2004-11-02
logo
New Jersey Semi-Conduct...
BUZ30A NJSEMI-BUZ30A Datasheet
104Kb / 4P
   Enhancement mode
BUZ72L NJSEMI-BUZ72L Datasheet
82Kb / 3P
   Enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com