Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2EDL05I06PJ Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # 2EDL05I06PJ
Description  Thin-film-SOI-technology
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDL05I06PJ Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button 2EDL05I06PJ Datasheet HTML 3Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 4Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 5Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 6Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 7Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 8Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 9Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 10Page - Infineon Technologies AG 2EDL05I06PJ Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
EiceDRIVER™ Compact
2EDL family
Final datasheet
7
<Revision 2.5>, 17.07.2014
EiceDRIVER™ Compact
600 V half bridge gate drive IC
1
Overview
Main features
Thin-film-SOI-technology
Maximum blocking voltage +600V
Individual control circuits for both outputs
Filtered detection of under voltage supply
All inputs clamped by diodes
Active shut down function
Asymmetric undervoltage lockout thresholds for high side and low
side
Qualified according to JEDEC
1 (high temperature stress tests for 1000h) for target applications
Product highlights
Insensitivity of the bridge output to negative transient voltages up to -50V given by SOI-technology
Ultra fast bootstrap diode
Typical applications
Home appliances
Consumer electronics
Fans, pumps
General purpose drives
Product family
Table 1
Members of 2EDL family
Sales Name
Special function
output
current
Target
transistor
typ. LS UVLO-
thresholds
Bootstrap
diode
Package
2EDL05I06PF
2EDL05I06PJ
deadtime, interlock
0.5 A
IGBT
12.5 V / 11.6 V
Yes
DSO-8
DSO-14
2EDL05I06BF
0.5 A
IGBT
12.5 V / 11.6 V
Yes
DSO-8
2EDL05N06PF
2EDL05N06PJ
deadtime, interlock
0.5 A
0.5 A
MOSFET
9.1 V / 8.3 V
Yes
DSO-8
DSO-14
1 J-STD-020 and JESD-022
PG-DSO-8
PG-DSO-14


Similar Part No. - 2EDL05I06PJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2EDL05I06PJ INFINEON-2EDL05I06PJ Datasheet
1Mb / 22P
   High voltage gate driver IC
Revision 2.6, 01.06.2016
More results

Similar Description - 2EDL05I06PJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
6EDL04I06PT INFINEON-6EDL04I06PT Datasheet
820Kb / 25P
   Thin-film-SOI-technology
Revision 2.5 15.04.2015
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
04023J3R0ABWTR AVX-04023J3R0ABWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J6R8BBWTR AVX-04023J6R8BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023K200FBSTR AVX-04023K200FBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J1R6BBSTR AVX-04023J1R6BBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R6BBWTR AVX-04023J1R6BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R5BBWTR AVX-04023J2R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R9ABSTR AVX-04023J2R9ABSTR Datasheet
217Kb / 19P
   Thin-Film Technology
ACCU-P AVX-ACCU-P Datasheet
1Mb / 25P
   Thin-Film Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com