Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM22676 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM22676
Description  LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22676 Datasheet(HTML) 4 Page - Texas Instruments

  LM22676 Datasheet HTML 1Page - Texas Instruments LM22676 Datasheet HTML 2Page - Texas Instruments LM22676 Datasheet HTML 3Page - Texas Instruments LM22676 Datasheet HTML 4Page - Texas Instruments LM22676 Datasheet HTML 5Page - Texas Instruments LM22676 Datasheet HTML 6Page - Texas Instruments LM22676 Datasheet HTML 7Page - Texas Instruments LM22676 Datasheet HTML 8Page - Texas Instruments LM22676 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM22676, LM22676-Q1
SNVS587L – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VIN to GND
43
V
EN Pin Voltage
–0.5
6
V
SW to GND(3)
–5
VIN
V
BOOT Pin Voltage
VSW + 7
V
FB Pin Voltage
–0.5
7
V
Power Dissipation
Internally Limited
Junction Temperature
150
°C
For soldering specifications, refer to Application Report Absolute Maximum Ratings for Soldering (SNOA549).
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The absolute maximum specification of the ‘SW to GND’ applies to dc voltage. An extended negative voltage limit of –10 V applies to a
pulse of up to 50 ns.
6.2 Handling Ratings: LM22676
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
V(ESD)
Electrostatic discharge
–2
2
kV
pins(1)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Handling Ratings: LM22676-Q1
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
–2
2
kV
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.4 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
Supply Voltage
4.5
42
V
Junction Temperature
–40
125
°C
6.5 Thermal Information
LM22676, LM22676-Q1
THERMAL METRIC(1)
DDA
NDR
UNIT
8 PINS
7 PINS
RθJA
Junction-to-ambient thermal resistance
60
22
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM22676 LM22676-Q1


Similar Part No. - LM22676

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22676 NSC-LM22676 Datasheet
610Kb / 16P
   3A SIMPLE SWITCHER Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22676-Q1 TI-LM22676-Q1 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22676MR-5.0 NSC-LM22676MR-5.0 Datasheet
610Kb / 16P
   3A SIMPLE SWITCHER Step-Down Voltage Regulator with Precision Enable
LM22676MR-ADJ NSC-LM22676MR-ADJ Datasheet
610Kb / 16P
   3A SIMPLE SWITCHER Step-Down Voltage Regulator with Precision Enable
LM22676MRE-5.0 NSC-LM22676MRE-5.0 Datasheet
610Kb / 16P
   3A SIMPLE SWITCHER Step-Down Voltage Regulator with Precision Enable
More results

Similar Description - LM22676

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com