Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM22675 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM22675
Description  LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22675 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM22675 Datasheet HTML 5Page - Texas Instruments LM22675 Datasheet HTML 6Page - Texas Instruments LM22675 Datasheet HTML 7Page - Texas Instruments LM22675 Datasheet HTML 8Page - Texas Instruments LM22675 Datasheet HTML 9Page - Texas Instruments LM22675 Datasheet HTML 10Page - Texas Instruments LM22675 Datasheet HTML 11Page - Texas Instruments LM22675 Datasheet HTML 12Page - Texas Instruments LM22675 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
EN
Vin
RENB
RENT
LM22675, LM22675-Q1
www.ti.com
SNVS591L – SEPTEMBER 2008 – REVISED NOVEMBER 2014
Feature Description (continued)
Although an internal pullup is provided on the EN pin, it is good practice to pull the input high, when this feature
is not used, especially in noisy environments. This can most easily be done by connecting a resistor between
VIN and the EN pin. The resistor is required, because the internal zener diode, at the EN pin, will conduct for
voltages above about 6 V. The current in this zener must be limited to less than 100 µA. A resistor of 470 k
Ω will
limit the current to a safe value for input voltages as high 42 V. Smaller values of resistor can be used at lower
input voltages.
The LM22675 device also incorporates an input undervoltage lock-out (UVLO) feature. This prevents the
regulator from turning on when the input voltage is not great enough to properly bias the internal circuitry. The
rising threshold is 4.3 V (typ) while the falling threshold is 3.9 V (typ). In some cases these thresholds may be too
low to provide good system performance. The solution is to use the EN input as an external UVLO to disable the
part when the input voltage falls below a lower boundary. This is often used to prevent excessive battery
discharge or early turn-on during start-up. This method is also recommended to prevent abnormal device
operation in applications where the input voltage falls below the minimum of 4.5 V. Figure 10 shows the
connections to implement this method of UVLO. Equation 1 and Equation 2 can be used to determine the correct
resistor values.
(1)
(2)
Where:
Voff is the input voltage where the regulator shuts off.
Von is the voltage where the regulator turns on.
Due to the 6 µA pullup, the current in the divider should be much larger than this. A value of 20 k
Ω, for RENB is a
good first choice. Also, a zener diode may be needed between the EN pin and ground, in order to comply with
the absolute maximum ratings on this pin.
Figure 10. External UVLO Connections
7.3.2 Soft-Start
The soft-start feature allows the regulator to gradually reach steady-state operation, thus reducing start-up
stresses. The internal soft-start feature brings the output voltage up in about 500 µs. This time is fixed and can
not be changed. Soft-start is reset any time the part is shut down or a thermal overload event occurs.
7.3.3 Boot-Strap Supply
The LM22675 incorporates a floating high-side gate driver to control the power MOSFET. The supply for this
driver is the external boot-strap capacitor connected between the BOOT pin and SW. A good quality 10 nF
ceramic capacitor must be connected to these pins with short, wide PCB traces. One reason the regulator
imposes a minimum off-time is to ensure that this capacitor recharges every switching cycle. A minimum load of
about 5 mA is required to fully recharge the boot-strap capacitor in the minimum off-time. Some of this load can
be provided by the output voltage divider, if used.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM22675 LM22675-Q1


Similar Part No. - LM22675

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22675 NSC-LM22675 Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
logo
National Semiconductor ...
LM22675MR-5.0 NSC-LM22675MR-5.0 Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675MR-5.0 TI-LM22675MR-5.0 Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
More results

Similar Description - LM22675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com