Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20125 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM20125
Description  LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20125 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM20125 Datasheet HTML 6Page - Texas Instruments LM20125 Datasheet HTML 7Page - Texas Instruments LM20125 Datasheet HTML 8Page - Texas Instruments LM20125 Datasheet HTML 9Page - Texas Instruments LM20125 Datasheet HTML 10Page - Texas Instruments LM20125 Datasheet HTML 11Page - Texas Instruments LM20125 Datasheet HTML 12Page - Texas Instruments LM20125 Datasheet HTML 13Page - Texas Instruments LM20125 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM20125
SNVS525E – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
PRECISION ENABLE
The enable (EN) pin allows the output of the device to be enabled or disabled with an external control signal.
This pin is a precision analog input that enables the device when the voltage exceeds 1.18V (typical). The EN pin
has 66 mV of hysteresis and will disable the output when the enable voltage falls below 1.11V (typical). If the EN
pin is not used, it should be connected to VIN. Since the enable pin has a precise turn-on threshold it can be
used along with an external resistor divider network from VIN to configure the device to turn-on at a precise input
voltage. The precision enable circuitry will remain active even when the device is disabled.
PEAK CURRENT MODE CONTROL
In most cases, the peak current mode control architecture used in the LM20125 only requires two external
components to achieve a stable design. The compensation can be selected to accommodate any capacitor type
or value. The external compensation also allows the user to set the crossover frequency and optimize the
transient performance of the device.
For duty cycles above 50% all current mode control buck converters require the addition of an artificial ramp to
avoid sub-harmonic oscillation. This artificial linear ramp is commonly referred to as slope compensation. What
makes the LM20125 unique is the amount of slope compensation will change depending on the output voltage.
When operating at high output voltages the device will have more slope compensation than when operating at
lower output voltages. This is accomplished in the LM20125 by using a non-linear parabolic ramp for the slope
compensation. The parabolic slope compensation of the LM20125 is much better than the traditional linear slope
compensation because it optimizes the stability of the device over the entire output voltage range.
CURRENT LIMIT
The precise current limit of the LM20125 is set at the factory to be within 10% over the entire operating
temperature range. This enables the device to operate with smaller inductors that have lower saturation currents.
When the peak inductor current reaches the current limit threshold, an over current event is triggered and the
internal high-side FET turns off and the low-side FET turns on allowing the inductor current to ramp down until
the next switching cycle. For each sequential over-current event, the reference voltage is decremented and PWM
pulses are skipped resulting in a current limit that does not aggressively fold back for brief over-current events,
while at the same time providing frequency and voltage foldback protection during hard short circuit conditions.
SOFT-START AND VOLTAGE TRACKING
The SS/TRK pin is a dual function pin that can be used to set the start up time or track an external voltage
source. The start up or soft-start time can be adjusted by connecting a capacitor from the SS/TRK pin to ground.
The Soft-Start feature allows the regulator output to gradually reach the steady state operating point, thus
reducing stresses on the input supply and controlling start up current. If no Soft-Start capacitor is used the device
defaults to the internal Soft-Start circuitry resulting in a start up time of approximately 1 ms. For applications that
require a monotonic start up or utilize the PGOOD pin, an external Soft-Start capacitor is recommended. The
SS/TRK pin can also be set to track an external voltage source. The tracking behavior can be adjusted by two
external resistors connected to the SS/TRK pin as shown in Figure 30 in the design guide.
PRE-BIAS START UP CAPABILITY
The LM20125 is in a pre-biased state when the device starts up with an output voltage greater than zero. This
often occurs in many multi-rail applications such as when powering an FPGA, ASIC, or DSP. In these
applications the output can be pre-biased through parasitic conduction paths from one supply rail to another.
Even though the LM20125 is a synchronous converter it will not pull the output low when a prebias condition
exists. During start-up LM20125 will not sink current until the Soft-Start voltage exceeds the voltage on the FB
pin. Since the device can not sink current it protects the load from damage that might otherwise occur if current
is conducted through the parasitic paths of the load.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20125


Similar Part No. - LM20125

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MH NSC-LM20125MH Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHE NSC-LM20125MHE Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHX NSC-LM20125MHX Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
More results

Similar Description - LM20125

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
[Old version datasheet]   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com