Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

700A10894-152 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 700A10894-152
Description  Power Ring Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

700A10894-152 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  700A10894-152 Datasheet HTML 1Page - List of Unclassifed Manufacturers 700A10894-152 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Ring Film CapacitorsTM
SBE Inc. 81 Parker Road
telephone:
802.476.4146
web site:
www.SBElectronics.com
Barre, Vermont 05641 USA
fax:
802.661.3950
e-mail:
PowerRing@SBElectronics.com
SBE Part 700A10894-152
SBE reserves the right to amend design data
Mechanical Specifications
Dimensions:
See layout drawing for details
Bus/Terminals Tabs: Tinplatedcopper,0.062”thick
Encapsulation:
Moldedpolymercase,potted
withRTV.
Layout Details:
ContactSBEInc.todiscussyourspecificrequirements.
Marking:SBEInc.
SBEcompanyidentification
700A152
UniqueSBEpartnumber
1000 µF ±10% Capacitance value and
tolerance
450Vdc
DCvoltagerating
yyww-lot#-unitSerialnumber(datecode,
lotnumber,unitnumber)
2X
9.00 THRU
5.00
2X
5.50 THRU
145.00
2X 161.07
2X 10.00
2X 76.07
260.00
115.50
29.00
71.00
118.00
4X R20.00
2X 25.00
2X 12.50
A
4
5
6
7
8
9
10
B
C
4X 21.90
4X 43.80
52.50
8X 69.37
16X
6.60
7X 4.00
8X 17.90
8X 8.95
51.00
8X 59.37
8X 63.37
53.35
.50
A
49.95
4X 8.93
B
1.87
2X 1.57
DETAIL B
1.83
DETAIL A
2X
15.00
1
2
3
Revisions
REV.
DESCRIPTION
CHG
BY
CHK
BY
APR
BY
DATE
01
Initial Release
-
-
-
-
02
Re-dimensioned Drawing
RJB AGH MSB
02/06/2014
FINISH
DO NOT SCALE DRAWING
7/3/2013
MSB
UNLESS OTHERWISE SPECIFIED:
ALL DIMENSIONS ARE IN MM
CHECKED
DRAWN
MATERIAL
GEOMETRIC TOLERANCING PER: Y14.5-2009
ENG APPR.
NON-TOLERANCED DIMENSIONS ARE BASIC
AGH
6/20/2013
5/16/2013
SHEET 1 OF 2
SIZE B REV
SBE, INC.
81 PARKER ROAD
BARRE, VT 05641 USA
802.476.4146 FAX: 802.661.3950
02
0.80 A B C
MGS
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF SBE. ANY
REPRODUCTION IN PART OR AS A WHOLE WITHOUT THE WRITTEN PERMISSION OF SBE IS PROHIBITED.
TITLE
DWG. NO.
700A152LV
Vertical Test Kit, 1000uF,
450VDC


Similar Part No. - 700A10894-152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
700A10894-144 ETC2-700A10894-144 Datasheet
654Kb / 2P
   Power Ring Film Capacitors
More results

Similar Description - 700A10894-152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
700D21799-406 ETC2-700D21799-406 Datasheet
263Kb / 3P
   Power Ring Film Capacitors?
700A60796-160 ETC2-700A60796-160 Datasheet
207Kb / 2P
   Power Ring Film Capacitors
700D42799-407 ETC2-700D42799-407 Datasheet
262Kb / 3P
   Power Ring Film Capacitors
700D50797-599 ETC2-700D50797-599 Datasheet
207Kb / 3P
   Power Ring Film Capacitors
700D756915-410 ETC2-700D756915-410 Datasheet
241Kb / 3P
   Power Ring Film Capacitors
700D10897-547 ETC2-700D10897-547 Datasheet
215Kb / 3P
   Power Ring Film Capacitors
700D147915-411 ETC2-700D147915-411 Datasheet
242Kb / 3P
   Power Ring Film Capacitors
700A10894-144 ETC2-700A10894-144 Datasheet
654Kb / 2P
   Power Ring Film Capacitors
700A60797-180 ETC2-700A60797-180 Datasheet
645Kb / 2P
   Power Ring Film CapacitorsTM
700A158911-590 ETC2-700A158911-590 Datasheet
428Kb / 2P
   Power Ring Film CapacitorsTM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com