Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRG15BC4R7MM1RC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PRG15BC4R7MM1RC
Description  suitable for countermeasure to short circuit test in safety standard
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRG15BC4R7MM1RC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PRG15BC4R7MM1RC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRG15BC4R7MM1RC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRG15BC4R7MM1RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PRG15BC4R7MM1RC
Specifications
Max. Voltage
9V
Hold Current
38mA
Measure Condition of Hold Current
(at
+85
)
Hold Current (2)
91mA
Measure Condition of Hold Current (2) (at
+25
)
Trip Current
172mA
Measure Condition of Trip Current
(at
+25
)
Trip Current(2)
229mA
Measure Condition of Trip Current(2)
(at -
20
)
Max. Current
2500mA
Resistance
(25
)
4.7Ω
Resistance Value Tolerance (at
25
)
±20%
Operating Temperature Range
-
20
to
85
Shape
SMD
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/10


Similar Part No. - PRG15BC4R7MM1RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRG15BC4R7MM1RC MURATA-PRG15BC4R7MM1RC Datasheet
242Kb / 3P
   Thermistors
logo
Murata Manufacturing Co...
PRG15BC4R7MM1RC MURATA1-PRG15BC4R7MM1RC Datasheet
630Kb / 3P
   PTC Thermistors
02/05/2024
logo
Murata Manufacturing Co...
PRG15BC4R7MM1RC MURATA-PRG15BC4R7MM1RC_17 Datasheet
242Kb / 3P
   Thermistors
logo
Murata Manufacturing Co...
PRG15BC4R7MM1RC MURATA1-PRG15BC4R7MM1RC_V01 Datasheet
630Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PRG15BC4R7MM1RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRG15BC680MM1RC MURATA-PRG15BC680MM1RC Datasheet
201Kb / 3P
   suitable for countermeasure to short circuit test in safety standard
PRG18BC220MM1RB MURATA-PRG18BC220MM1RB Datasheet
199Kb / 3P
   suitable for countermeasure to short circuit test in safety standard
PRG18BC1R0MM1RB MURATA-PRG18BC1R0MM1RB Datasheet
211Kb / 3P
   suitable for countermeasure to short circuit test in safety standard
PRG15BC3R3MM1RC MURATA-PRG15BC3R3MM1RC Datasheet
230Kb / 3P
   suitable for countermeasure to short circuit test in safety standard
PRG18BC2R2MM1RB MURATA-PRG18BC2R2MM1RB Datasheet
208Kb / 3P
   suitable for countermeasure to short circuit test in safety standard
PRG18BC3R3MM1RB MURATA-PRG18BC3R3MM1RB Datasheet
205Kb / 3P
   suitable for countermeasure to short circuit test in safety standard
PRG15BC180MM1RC MURATA-PRG15BC180MM1RC Datasheet
214Kb / 3P
   suitable for countermeasure to short circuit test in safety standard
PRG15BC2R2MM1RC MURATA-PRG15BC2R2MM1RC Datasheet
213Kb / 3P
   suitable for countermeasure to short circuit test in safety standard
PRG15BC220MM1RC MURATA-PRG15BC220MM1RC Datasheet
214Kb / 3P
   suitable for countermeasure to short circuit test in safety standard
PRG15BC330MM1RC MURATA-PRG15BC330MM1RC Datasheet
214Kb / 3P
   suitable for countermeasure to short circuit test in safety standard
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com