Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N60KG-TMS2-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4N60KG-TMS2-T
Description  N-CHANNEL JUNCTIN SILICON FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60KG-TMS2-T Datasheet(HTML) 4 Page - Unisonic Technologies

  4N60KG-TMS2-T Datasheet HTML 1Page - Unisonic Technologies 4N60KG-TMS2-T Datasheet HTML 2Page - Unisonic Technologies 4N60KG-TMS2-T Datasheet HTML 3Page - Unisonic Technologies 4N60KG-TMS2-T Datasheet HTML 4Page - Unisonic Technologies 4N60KG-TMS2-T Datasheet HTML 5Page - Unisonic Technologies 4N60KG-TMS2-T Datasheet HTML 6Page - Unisonic Technologies 4N60KG-TMS2-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4N60K-MT
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-B30.e
ELECTRICAL CHARACTERISTICS (TC =25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
600
V
VDS=600V, VGS=0V
10
μA
Drain-Source Leakage Current
IDSS
VDS=600V, VGS=0V, TC=125°С
10
μA
Forward
VGS=30V, VDS=0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS= -30V, VDS=0V
-100
nA
Breakdown Voltage Temperature Coefficient △BVDSS/△TJ ID=250μA,Referenced to 25°C
0.6
V/°С
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10 V, ID=2.2A
1.79 2.5
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
425 575
pF
Output Capacitance
COSS
55
75
pF
Reverse Transfer Capacitance
CRSS
VDS = 25V, VGS = 0V,
f = 1MHz
6
11
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
45
ns
Turn-On Rise Time
tR
49
ns
Turn-Off Delay Time
tD(OFF)
80
ns
Turn-Off Fall Time
tF
VDD = 30V, ID = 0.5A,
RG = 25Ω (Note 1, 2)
43
ns
Total Gate Charge
QG
20
nC
Gate-Source Charge
QGS
5.6
nC
Gate-Drain Charge
QGD
VDS= 50V,ID= 1.3A,
VGS= 10V (Note 1, 2)
4.0
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0V, IS = 4.4A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
4.4
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
17.6
A
Notes: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating temperature


Similar Part No. - 4N60KG-TMS2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60KG-TM3-T UTC-4N60KG-TM3-T Datasheet
367Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60KG-TMS2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3458 UTC-UT3458_15 Datasheet
180Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
4N70K-TA UTC-4N70K-TA Datasheet
271Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
2N50K-TA UTC-2N50K-TA Datasheet
208Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
11NM40 UTC-11NM40 Datasheet
229Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
13N50K UTC-13N50K Datasheet
208Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
2N70K UTC-2N70K_15 Datasheet
283Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
3N70K-MK UTC-3N70K-MK Datasheet
212Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
UT4114 UTC-UT4114 Datasheet
179Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
2SK3666 UTC-2SK3666 Datasheet
150Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
UT75N03 UTC-UT75N03_15 Datasheet
197Kb / 3P
   N-CHANNEL JUNCTIN SILICON FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com