Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12N65K-MT Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 12N65K-MT
Description  N-CHANNEL JUNCTION FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N65K-MT Datasheet(HTML) 1 Page - Unisonic Technologies

  12N65K-MT Datasheet HTML 1Page - Unisonic Technologies 12N65K-MT Datasheet HTML 2Page - Unisonic Technologies 12N65K-MT Datasheet HTML 3Page - Unisonic Technologies 12N65K-MT Datasheet HTML 4Page - Unisonic Technologies 12N65K-MT Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
12N65K-MT
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-B07.F
12A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 12N65K-MT are N-Channel enhancement mode
power field effect transistors (MOSFET) which are produced by
using UTC’s proprietary, planar stripe and DMOS technology.
These devices are suited for high efficiency switch mode power
supply. To minimize on-state resistance, provide superior switching
performance and withstand high energy pulse in the avalanche and
commutation mode, the advanced technology has been especially
tailored.
FEATURES
* RDS(ON) < 0.75 Ω @ VGS = 10 V, ID = 6 A
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
12N65KL-TF1-T
12N65KG-TF1-T
TO-220F1
G
D
S
Tube
12N65KL-TF2-T
12N65KG-TF2-T
TO-220F2
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube
(2) TF1: TO-220F1, TF2: TO-220F2
(3) L: Lead Free, G: Halogen Free and Lead Free
12N65KL-TF1-T
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - 12N65K-MT

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
12N65K SUNMATE-12N65K Datasheet
2Mb / 8P
   N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
12N65KL-TF1-T ISC-12N65KL-TF1-T Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 12N65K-MT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF222 SANYO-TF222 Datasheet
51Kb / 4P
   N-channel Junction FET
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
RJN1164 ETC1-RJN1164 Datasheet
175Kb / 4P
   N-Channel Junction FET
logo
Panasonic Semiconductor
XP1D874 PANASONIC-XP1D874 Datasheet
28Kb / 2P
   N-channel junction FET
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
NXP Semiconductors
BF862 NXP-BF862_00 Datasheet
87Kb / 12P
   N-channel junction FET
2000 Jan 05
logo
Unisonic Technologies
2SK2751 UTC-2SK2751_07 Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S_15 Datasheet
199Kb / 4P
   N-CHANNEL JUNCTION FET
logo
AUK corp
STK596M AUK-STK596M Datasheet
342Kb / 5P
   N-Channel Junction FET
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
   N-CHANNEL JUNCTION FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com