Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N90L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3N90L-TN3-R
Description  N-CHANNEL FAST SWITCHING MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N90L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  3N90L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N90L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N90L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N90L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N90L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3N90-E
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R205-007.C
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
Fig. 1B Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 3N90L-TN3-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
3N90L-TN3-R DOINGTER-3N90L-TN3-R Datasheet
834Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 3N90L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTM6016 UTC-UTM6016 Datasheet
244Kb / 6P
   N-CHANNEL FAST SWITCHING MOSFET
UF740-E UTC-UF740-E Datasheet
343Kb / 6P
   N-CHANNEL FAST SWITCHING MOSFET
UTM6006 UTC-UTM6006 Datasheet
385Kb / 7P
   N-CHANNEL FAST SWITCHING MOSFET
logo
uPI Group Inc.
QN3102M3N UPI-QN3102M3N Datasheet
3Mb / 8P
   N-Channel 30V Fast Switching MOSFET
QN3108M3N UPI-QN3108M3N Datasheet
1Mb / 8P
   N-Channel 30V Fast Switching MOSFET
QN3102M6N UPI-QN3102M6N Datasheet
611Kb / 8P
   N-Channel 30V Fast Switching MOSFET
QN3120M6N UPI-QN3120M6N Datasheet
611Kb / 8P
   N-Channel 30V Fast Switching MOSFET
QM3002D UPI-QM3002D Datasheet
583Kb / 8P
   N-Channel 30V Fast Switching MOSFET
QM3016AM3 UPI-QM3016AM3 Datasheet
568Kb / 8P
   N-Channel 30V Fast Switching MOSFET
QM2530M7 UPI-QM2530M7 Datasheet
438Kb / 6P
   N-Channel 20V Fast Switching MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com