Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N50G-T92-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N50G-T92-B
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N50G-T92-B Datasheet(HTML) 2 Page - Unisonic Technologies

  1N50G-T92-B Datasheet HTML 1Page - Unisonic Technologies 1N50G-T92-B Datasheet HTML 2Page - Unisonic Technologies 1N50G-T92-B Datasheet HTML 3Page - Unisonic Technologies 1N50G-T92-B Datasheet HTML 4Page - Unisonic Technologies 1N50G-T92-B Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N50-KW
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R205-053.b
ABSOLUTE MAXIMUM RATINGS (T
C = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
ID
1
A
Avalanche Energy
Single Pulsed (Note 2)
EAS
50
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Power Dissipation (TA=25°С)
PD
0.6
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. L = 100mH, IAS = 1A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 1.2A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
180
°С/W
Junction to Case
θJC
88
°С/W
ELECTRICAL CHARACTERISTICS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
500
V
Drain-Source Leakage Current
IDSS
VDS=500V, VGS=0V
10
μA
Forward
VGS=30V, VDS=0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100
nA
Breakdown Voltage Temperature Coefficient △BVDSS
/TJ ID=250μA
0.4
V/°С
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
3.0
5.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.5A
8.6
10
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
135
pF
Output Capacitance
COSS
17
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1MHz
4.7
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
16.5
ns
Turn-On Rise Time
tR
30
ns
Turn-Off Delay Time
tD(OFF)
23
ns
Turn-Off Fall Time
tF
VDD=30V, ID=1A, RG=25Ω,
VGS=10V (Note 2,3)
30
ns
Total Gate Charge
QG
8
nC
Gate-Source Charge
QGS
2.0
nC
Gate-Drain Charge
QGD
VDS=50V, VGS=10V, ID=1.3A
RG=3.3kΩ(Note 2, 3)
1.4
nC
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS =1A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
1.0
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
4.0
A
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Pulse Test: Pulse Width ≤300μs, Duty Cycle≤2%
3. Essentially Independent of Operating Temperature


Similar Part No. - 1N50G-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N50G-T92-B UTC-1N50G-T92-B Datasheet
525Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 1N50G-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
logo
NEC
2SK3749 NEC-2SK3749 Datasheet
103Kb / 5P
   N-CHANNEL MOSFET FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com