Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE80T1003 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE80T1003
Description  Zero Biased Detector With 50 Ohm N to BNC Female Video Out Operating From 10 MHz to 18.5 GHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T1003 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE80T1003 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Zero Biased Detector With 50 Ohm N to BNC Female
Video Out Operating From 10 MHz to 18.5 GHz
PE80T1003


Similar Part No. - PE80T1003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
   Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
   Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1002 PASTERNACK-PE80T1002 Datasheet
395Kb / 6P
   Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
More results

Similar Description - PE80T1003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8013 PASTERNACK-PE8013 Datasheet
246Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 18.5 GHz
PE8000-50 PASTERNACK-PE8000-50 Datasheet
447Kb / 3P
   Zero Biased Detector With 50 Ohm BNC Male to BNC Female Video Out Operating From 0.1 MHz to 1,000 MHz
PE8012P PASTERNACK-PE8012P Datasheet
250Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE8010 PASTERNACK-PE8010 Datasheet
245Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 2 GHz
PE8012 PASTERNACK-PE8012 Datasheet
249Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE8014 PASTERNACK-PE8014 Datasheet
248Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 26.5 GHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
PE8016 PASTERNACK-PE8016 Datasheet
216Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 8 GHz
PE8003 PASTERNACK-PE8003 Datasheet
242Kb / 3P
   Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE8006 PASTERNACK-PE8006 Datasheet
245Kb / 3P
   Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 12 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com