Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5160A Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5160A
Description  LM5160A, LM5160 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5160A Datasheet(HTML) 3 Page - Texas Instruments

  LM5160A_15 Datasheet HTML 1Page - Texas Instruments LM5160A_15 Datasheet HTML 2Page - Texas Instruments LM5160A_15 Datasheet HTML 3Page - Texas Instruments LM5160A_15 Datasheet HTML 4Page - Texas Instruments LM5160A_15 Datasheet HTML 5Page - Texas Instruments LM5160A_15 Datasheet HTML 6Page - Texas Instruments LM5160A_15 Datasheet HTML 7Page - Texas Instruments LM5160A_15 Datasheet HTML 8Page - Texas Instruments LM5160A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM5160
THERMAL
PAD
1
2
3
4
5
6
7
8
9
10
11
12
AGND
PGND
VIN
EN/UVLO
RON
SS
SW
SW
BST
VCC
FB
FPWM
LM5160A, LM5160
www.ti.com
SNVSA03B – OCTOBER 2014 – REVISED JULY 2015
5 Pin Configuration and Functions
WSON
12 LEAD
TOP
Pin Functions
PIN
DESCRIPTION
NUMBER
NAME
HTSSOP
WSON
AGND
1
1
Analog Ground. Ground connection of internal control circuits.
PGND
2
2
Power Ground. Ground connection of the internal synchronous rectifier FET.
VIN
3
3
Input supply connection. Operating input range is 4.5 V to 65 V.
EN/UVLO
4
4
Precision enable. Input pin of under-voltage lockout (UVLO) comparator.
On-time programming pin. A resistor between this pin and VIN sets the switch on-time as a
RON
5
5
function of input voltage.
SS
6
6
Soft-start. Connect a capacitor from SS to AGND to control output rise time and limit overshoot.
Forced PWM logic input pin. Connect to AGND for discontinuous conduction mode (DCM) with
FPWM
8
7
light loads. Connect to VCC for continuous conduction mode (CCM) at all loads and Fly-Buck
configuration.
FB
9
8
Feedback input of voltage regulation comparator.
VCC
10
9
Internal high voltage startup regulator bypass capacitor pin.
Bootstrap capacitor pin. Connect a capacitor between BST and SW to bias gate driver of high
BST
11
10
side buck FET.
Switch node. Source connection of high side buck FET and drain connection of low side
SW
12,13
11,12
synchronous rectifier FET.
NC
7,14
-
No Connection.
Exposed Pad. Connect to AGND and printed circuit board ground plane to improve power
EP
dissipation.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5160A LM5160


Similar Part No. - LM5160A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5160ADNTJ TI1-LM5160ADNTJ Datasheet
1Mb / 28P
[Old version datasheet]   Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
LM5160ADNTR TI1-LM5160ADNTR Datasheet
1Mb / 28P
[Old version datasheet]   Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
LM5160ADNTT TI1-LM5160ADNTT Datasheet
1Mb / 28P
[Old version datasheet]   Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
LM5160APWP TI1-LM5160APWP Datasheet
1Mb / 28P
[Old version datasheet]   Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
LM5160APWPR TI1-LM5160APWPR Datasheet
1Mb / 28P
[Old version datasheet]   Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
More results

Similar Description - LM5160A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5160-Q1 TI-LM5160-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5160-Q1 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
LM5161-Q1 TI1-LM5161-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
LM5161 TI1-LM5161 Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5160-Q1 TI1-LM5160-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input 65V 1.5A Synchronous Buck / Fly-Buck Converter
LM5160A TI1-LM5160A Datasheet
1Mb / 28P
[Old version datasheet]   Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com