Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5010A Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5010A
Description  High-Voltage 1-A Step-Down Switching Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5010A Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5010A_15 Datasheet HTML 7Page - Texas Instruments LM5010A_15 Datasheet HTML 8Page - Texas Instruments LM5010A_15 Datasheet HTML 9Page - Texas Instruments LM5010A_15 Datasheet HTML 10Page - Texas Instruments LM5010A_15 Datasheet HTML 11Page - Texas Instruments LM5010A_15 Datasheet HTML 12Page - Texas Instruments LM5010A_15 Datasheet HTML 13Page - Texas Instruments LM5010A_15 Datasheet HTML 14Page - Texas Instruments LM5010A_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Current Limit
Threshold
Io
Normal Operation
Current Limited
Low Load Current
High Load Current
'I
IOCL
IPK
LM5010A
LM5010A-Q1
www.ti.com
SNVS376E – OCTOBER 2005 – REVISED FEBRUARY 2013
Figure 10. Inductor Current - Current Limit Operation
N-Channel Buck Switch and Driver
The LM5010A integrates an N-Channel buck switch and associated floating high voltage gate driver. The peak
current through the buck switch should not exceed 2A, and the load current should not exceed 1.5A. The gate
driver circuit is powered by the external bootstrap capacitor between BST and SW (C4), which is recharged each
off-time from VCC through the internal high voltage diode. The minimum off-time, nominally 260 ns, ensures
sufficient time during each cycle to recharge the bootstrap capacitor. A 0.022 µF ceramic capacitor is
recommended for C4.
Soft-start
The soft-start feature allows the regulator to gradually reach a steady state operating point, thereby reducing
startup stresses and current surges. At turn-on, while VCC is below the under-voltage threshold (t1 in Figure 7),
the SS pin is internally grounded, and VOUT is held at 0V. When VCC exceeds the under-voltage threshold
(UVLO) an internal 11.5 µA current source charges the external capacitor (C6) at the SS pin to 2.5V (t2 in
Figure 7). The increasing SS voltage at the non-inverting input of the regulation comparator gradually increases
the output voltage from zero to the desired value. The soft-start feature keeps the load inductor current from
reaching the current limit threshold during start-up, thereby reducing inrush currents.
An internal switch grounds the SS pin if VCC is below the under-voltage lock-out threshold, or if the circuit is
shutdown using the RON/SD pin.
Thermal Shutdown
The LM5010A should be operated below the Maximum Operating Junction Temperature rating. If the junction
temperature increases during a fault or abnormal operating condition, the internal Thermal Shutdown circuit
activates typically at 175°C. The Thermal Shutdown circuit reduces power dissipation by disabling the buck
switch and the on-timer. This feature helps prevent catastrophic failures from accidental device overheating.
When the junction temperature reduces below approximately 155°C (20°C typical hysteresis), normal operation
resumes.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5010A LM5010A-Q1


Similar Part No. - LM5010A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010AQ1MH/NOPB TI-LM5010AQ1MH/NOPB Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010AQ1MHX/NOPB TI-LM5010AQ1MHX/NOPB Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

Similar Description - LM5010A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com