Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5000 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5000
Description  High Voltage Switch Mode Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5000_15 Datasheet HTML 7Page - Texas Instruments LM5000_15 Datasheet HTML 8Page - Texas Instruments LM5000_15 Datasheet HTML 9Page - Texas Instruments LM5000_15 Datasheet HTML 10Page - Texas Instruments LM5000_15 Datasheet HTML 11Page - Texas Instruments LM5000_15 Datasheet HTML 12Page - Texas Instruments LM5000_15 Datasheet HTML 13Page - Texas Instruments LM5000_15 Datasheet HTML 14Page - Texas Instruments LM5000_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
:
RFB1 = RFB2 x
VOUT - 1.259
1.259
VOUT =
VIN
1-D
, D' = (1-D) =
VIN
VOUT
LM5000
www.ti.com
SNVS176D – MAY 2004 – REVISED MARCH 2007
The second cycle is shown in Figure 21 (b). During this cycle, the transistor is open and the diode is forward
biased. The energy stored in the inductor is transferred to the load and output capacitor.
The ratio of these two cycles determines the output voltage. The output voltage is defined approximately as:
where
D is the duty cycle of the switch
D and D
′ will be required for design calculations
(1)
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the feedback pin and a resistor divider connected to the output as shown in
Figure 19. The feedback pin is always at 1.259V, so the ratio of the feedback resistors sets the output voltage.
(2)
INTRODUCTION TO COMPENSATION
Figure 22. (a) Inductor current. (b) Diode current.
The LM5000 is a current mode PWM regulator. The signal flow of this control scheme has two feedback loops,
one that senses switch current and one that senses output voltage.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5000


Similar Part No. - LM5000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
[Old version datasheet]   High Voltage Switch Mode Regulator
More results

Similar Description - LM5000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5001 TI-LM5001_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage Switch-Mode Regulator
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
   High Voltage Switch Mode Regulator
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
   High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
   High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002_09 Datasheet
367Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
   High Voltage Switch Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com