Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3679 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3679
Description  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3679 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3679_15 Datasheet HTML 2Page - Texas Instruments LM3679_15 Datasheet HTML 3Page - Texas Instruments LM3679_15 Datasheet HTML 4Page - Texas Instruments LM3679_15 Datasheet HTML 5Page - Texas Instruments LM3679_15 Datasheet HTML 6Page - Texas Instruments LM3679_15 Datasheet HTML 7Page - Texas Instruments LM3679_15 Datasheet HTML 8Page - Texas Instruments LM3679_15 Datasheet HTML 9Page - Texas Instruments LM3679_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
-40
0
40
80
100
870
900
930
960
990
1020
1050
1080
TEMPERATURE (°C)
-20
20
60
DASH = OPEN
SOLID = CLOSED
VIN = 3.6V
VIN = 4.5V
VIN = 4.5V
VIN = 2.7V
VIN = 2.7V
VIN = 3.6V
LM3679
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
LM3679TL/UR, Circuit of Figure 1, VIN = 3.6V, VOUT = 1.8V, TA = 25°C, unless otherwise noted.
Quiescent Supply Current vs. Supply Voltage
(Switching)
Shutdown Current vs. Temperature
Figure 5.
Figure 6.
Switching Frequency vs. Temperature
RDS(ON) vs. Temperature
Figure 7.
Figure 8.
Open/Closed Loop Current Limit
Output Voltage vs. Supply Voltage
vs. Temperature
(VOUT = 1.8V)
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3679


Similar Part No. - LM3679_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3679TL-1.8 NSC-LM3679TL-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679TLX-1.8 NSC-LM3679TLX-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.2 NSC-LM3679UR-1.2 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.5 NSC-LM3679UR-1.5 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.8 NSC-LM3679UR-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
More results

Similar Description - LM3679_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3679 NSC-LM3679 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
logo
Texas Instruments
LM3679 TI1-LM3679 Datasheet
5Mb / 22P
[Old version datasheet]   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
National Semiconductor ...
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com