Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3279 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3279
Description  LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3279 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3279_15 Datasheet HTML 6Page - Texas Instruments LM3279_15 Datasheet HTML 7Page - Texas Instruments LM3279_15 Datasheet HTML 8Page - Texas Instruments LM3279_15 Datasheet HTML 9Page - Texas Instruments LM3279_15 Datasheet HTML 10Page - Texas Instruments LM3279_15 Datasheet HTML 11Page - Texas Instruments LM3279_15 Datasheet HTML 12Page - Texas Instruments LM3279_15 Datasheet HTML 13Page - Texas Instruments LM3279_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
400 ns/DIV
2V/DIV
SW2
2V/DIV
SW1
20 mV/DIV
AC_Vout
LM3279
SNVS970C – MARCH 2013 – REVISED OCTOBER 2014
www.ti.com
Typical Performance Characteristics (continued)
(PVIN = EN = 3.6 V and TA = 25°C, unless otherwise noted)
No Load, RFFE Digital Control Mode
VOUT = 1.5 V
Figure 9. VSET_CTRL Voltage vs Output Voltage
Figure 10. Auto Efficiency Mode
VOUT = 2.5 V
VOUT = 3.4 V
Figure 11. Auto Efficiency Mode
Figure 12. Auto Efficiency Mode
VOUT = 3.45 V
PVIN = 3.37 V
LOAD = 500 mA
VOUT = 0.8 ↔ 2 V
PVIN = 3.8 V
RLOAD = 20 Ω
Figure 14. Boost Mode Operation
Figure 13. VOUT Transient
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM3279


Similar Part No. - LM3279_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
More results

Similar Description - LM3279_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3279 TI-LM3279 Datasheet
1Mb / 31P
[Old version datasheet]   LM3279 Buck-Boost Converter with MIPI RFFE Interfacefor 3G and 4G RF Power Amplifiers
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI-LM3209-G3_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI1-LM3209-G3 Datasheet
186Kb / 6P
[Old version datasheet]   LM3209-G3 PRODUCT BRIEF Seamless-Transition Buck-Boost Converter for Battery- Powered 3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com