Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF118F Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF118F
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF118F Datasheet(HTML) 1 Page - Hongfa Technology

  HF118F Datasheet HTML 1Page - Hongfa Technology HF118F Datasheet HTML 2Page - Hongfa Technology HF118F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8MJWXUMV
yB>E><MKB<
LMK>G@MA
2AH<D K>LBLM:G<>
}.-|{v 1z+v8
xHGM:<M K:MBG@ `1>Lf EH:=a
{BE> -Hfr ziklmio
ivd iwd ix
5B;K:MBHG K>LBLM:G<>
ih}SMH mm}S hfpFF yv
-x
`GH <HBE OHEM:@>a
ih}SMH mm}S ifnmFF yv
-.
xHGM:<M :KK:G@>F>GM
xHGM:<M K>LBLM:G<>
-xr lqFgLj
-.rqpFgLj
{BE> -Hfr lhhihlph
/E:LMB< L>:E>=d
{ENQ IKHH?>=
{BE> -Hfr x0xhqhhjhkmhoi
~2.qhhid ~2.g32inqlq d ~2.ilhhid .}2v2iphhid ~zx00x hphhhh xz13~{~zy
jhim 1>Of ifhi
vIIKHQfjjhF6 MH jqhF6
xHBE IHP>K
imk
~GLNE:MBHG K>LBLM:G<>
w>MP>>G <HBE _ <HGM:<ML
w>MP>>G HI>G <HGM:<ML
.I>K:M> MBF> `:M GHFBf OHMfa
1>E>:L> MBF> `:M GHFBf OHMfa
3>FI>K:MNK> KBL> `:M GHFBf 5HEMfa
:8--18
ihhh, `:M mhh5yxa
mhhh5vx iFBG
ihhh5vx iFBG
ihD5 `ifjg mhVLa
ihFL F:Qf
mFL F:Qf
mm* F:Qf
elh MH pm
m^ MH pm^ 1}
/xw
vIIKHQfp@
5?>C35C 63C3
5:3A35C7A;BC;5B
=;>;3CDA7 :;9: @?F7A A7<3H
,:Qf LPBM<ABG@ OHEM:@>
,:Qf LPBM<ABG@ <NKK>GM
,:Qf LPBM<ABG@ IHP>K
,><A:GB<:E >G=NK:G<>
2>> HK=>KBG@ BG?Hf
ihhF F:Qf`:M iv n5yxa
llh5vxgijm5yx
ihv
jmhh5v g khh6
i Q iho./2
5?;< 63C3
^ ihv LPBM<ABG@ <:I:;BEBMR
^ mD5 =B>E><MKB< LMK>G@MA `;>MP>>G <HBE :G= <HGM:<MLa
^ +HP A>B@AMr ijfm FF
^ xK>>I:@> =BLM:G<> upFF
^ ,>>MBG@ 5yz hohhd hnki K>BG?HK<> BGLNE:MBHG
^ /KH=N<M BG :<<HK=:G<> MH ~zx nhkkmei :O:BE:;E>
^ 4+ BGLNE:MBHG LRLM>FrxE:LL {
^ 2H<D>ML :O:BE:;E>
^ /E:LMB< L>:E>= :G= ?ENQ IKHH?>= MRI>L :O:BE:;E>
^ zGOBKHGF>GM:E ?KB>G=ER IKH=N<M `1H}2 <HFIEB:GMa
^ .NMEBG> yBF>GLBHGLr `jpfm Q ihfi Q ijfma FF
:M jk
5?;<
{NG<MBHG:E
y>LMKN<MBO>
qphFgLj
2NK@> OHEM:@> `;>MP>>G <HBE _ <HGM:<MLa
xHGLMKN<MBHG
-HFBG:E
5HEM:@>
5yx
xHBE
1>LBLM:G<>
/B<DeNI
5HEM:@>
5yx
F:Qf
yKHIeHNM
5HEM:@>
5yx
FBGf
m
n
ij
ip
jl
lp ja
nh ja
kfmh
lfjh
pflh
ijfnh
infph
kkfnh
ljfhh
hfm
hfn
ifj
ifp
jfl
lfp
nfh
iik Q `i ih^a
inl Q `i ih^a
njh Q `i ih^a
ijqm Q `i ih^a
jkmh Q `i im^a
phhh Q `i im^a
ijmhh Q `i im^a
q
nfkh
hfq
knh Q `i ih^a
qfh
ipfh
jofh
knfh
ojfh
ofm
,:Qf
5HEM:@>
5yxia
ikfm
qhfh
xHGM:<M F:M>KB:E
ihv jmh5vxgkh5yx
>SWMV2 ia ,:QBFNF OHEM:@> K>?>KL MH MA> F:QBFNF OHEM:@> PAB<A K>E:R
<HBE <HNE= >G=NK> BG : LAHKM I>KBH= H? MBF>f
ja{HK IKH=N<ML PBMA K:M>= OHEM:@> \ lp5d F>:LNK>L LAHNE= ;>
M:D>G MH IK>O>GM <HBE HO>KOHEM:@> BG HK=>K MH IKHM><M <HBE BG M>LM
:G= :IIEB<:MBHG `>@fxHGG><M =BH=>L BG I:K:EE>Eaf
E
67
b
b
>SWMV2 ia 3A> =:M: LAHPG :;HO> :K> BGBMB:E O:EN>Lf
ja~G=>Q BL GHM BG K>E:R E>G@MA =BK><MBHGf
b
vF;B>GM M>FI>K:MNK>
}NFB=BMR
3>KFBG:MBHG
4GBM P>B@AM
i} MRI>ri Q ihm./2 `v@-Bd
pv jmh5vxd 1>LBLMBO> EH:=d :M pm]d
mLHG mLH??a
zE><MKB<:E >G=NK:G<>


Similar Part No. - HF118F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF118F HONGFA-HF118F Datasheet
75Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F/005-1D1GXXX HONGFA-HF118F/005-1D1GXXX Datasheet
75Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F/005-1D1TGXXX HONGFA-HF118F/005-1D1TGXXX Datasheet
75Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F/005-1D1TXXX HONGFA-HF118F/005-1D1TXXX Datasheet
75Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F/005-1D1XXX HONGFA-HF118F/005-1D1XXX Datasheet
75Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF118F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com