Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3200 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3200
Description  LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3200 Datasheet(HTML) 3 Page - Texas Instruments

  LM3200_15 Datasheet HTML 1Page - Texas Instruments LM3200_15 Datasheet HTML 2Page - Texas Instruments LM3200_15 Datasheet HTML 3Page - Texas Instruments LM3200_15 Datasheet HTML 4Page - Texas Instruments LM3200_15 Datasheet HTML 5Page - Texas Instruments LM3200_15 Datasheet HTML 6Page - Texas Instruments LM3200_15 Datasheet HTML 7Page - Texas Instruments LM3200_15 Datasheet HTML 8Page - Texas Instruments LM3200_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM3200
www.ti.com
SNVS319C – NOVEMBER 2004 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
VDD, PVIN to SGND
−0.2V to +6.0V
PGND to SGND
−0.2V to +0.2V
EN, FB, BYP, VCON
(SGND
−0.2V)
to (VDD +0.2V)
w/6.0V max
SW, BYPOUT
(PGND
−0.2V)
to (PVIN +0.2V)
w/6.0V max
PVIN to VDD
−0.2V to +0.2V
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature
(Soldering, 10 sec)
+260°C
ESD Rating(5)
Human Body Model
2.0 kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics table.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 130°C (typ.).
(5)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7) The machine
model is a 200 pF capacitor discharged directly into each pin. TI recommends that all integrated circuits be handled with Appropriate
precautions. Failure to observe proper ESD handling techniques can result in damage.
OPERATING RATINGS
(1) (2)
Input Voltage Range
2.7V to 5.5V
Recommended Load Current
PWM Mode
0 mA to 300 mA
Bypass Mode
0 mA to 500 mA
Junction Temperature (TJ) Range
−25°C to +125°C
Ambient Temperature (TA) Range
(3)
−25°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics table.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
THERMAL PROPERTIES
Junction-to-Ambient Thermal
100°C/W
Resistance (
θJA), YPA10 Package
(1)
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from thermal measurements, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. A 1" x 1", 4 layer, 1.5 oz. Cu board was used for the measurements.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3200


Similar Part No. - LM3200_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3200TL NSC-LM3200TL Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200TL NSC-LM3200TL Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200TL/NOPB TI1-LM3200TL/NOPB Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3200TLX NSC-LM3200TLX Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200TLX NSC-LM3200TLX Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results

Similar Description - LM3200_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com