Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2775DSGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2775DSGR
Description  LM2775 Switched Capacitor 5-V Boost Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2775DSGR Datasheet(HTML) 5 Page - Texas Instruments

  LM2775DSGR Datasheet HTML 1Page - Texas Instruments LM2775DSGR Datasheet HTML 2Page - Texas Instruments LM2775DSGR Datasheet HTML 3Page - Texas Instruments LM2775DSGR Datasheet HTML 4Page - Texas Instruments LM2775DSGR Datasheet HTML 5Page - Texas Instruments LM2775DSGR Datasheet HTML 6Page - Texas Instruments LM2775DSGR Datasheet HTML 7Page - Texas Instruments LM2775DSGR Datasheet HTML 8Page - Texas Instruments LM2775DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
D001
TA = -40°C
TA = +25°C
TA = +85°C
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
D002
TA = -40°C
TA = +25°C
TA = +85°C
LM2775
www.ti.com
SNVSA57 – MAY 2015
6.5 Electrical Characteristics
Typical limits tested at TA = 25°C. Minimum and maximum limits apply over the full operating ambient temperature range
(
−40°C ≤ TA ≤ 85°C). VIN = 3.6 V, CIN = COUT = 2.2 µF, C1 = 1 µF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output voltage regulation
IOUT = 180 mA
4.8
5
5.2
V
IOUT = 0 mA, PFM = ‘1’
75
150
µA
IQ
Quiescent current
IOUT = 0 mA, PFM = ‘0’
5
mA
ISD
Shutdown current
EN = '0'
0.7
3
µA
IOUTDIS
Output discharge current
OUTDIS = '1'
500
µA
ICL
Input current limit
600
mA
VIL
Input logic low: EN, OUTDIS, PFM
0
0.4
V
VIH
Input logic high: EN, OUTDIS, PFM
1.2
VIN
V
VIN falling
2.4
UVLO
Undervoltage lockout
V
VIN rising
2.6
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒSW
Switching frequency
1.7
2
2.3
MHz
6.7 Typical Characteristics
TA = 25°C, VIN = 3.6 V, CIN = COUT = 10 µF (10-V 0402 case), C1 = 1 µF (10-V 0402 case), VEN = VIN.
ILOAD = 200 mA
PFM = '0'
ILOAD = 200 mA
PFM = '1'
Figure 1. PWM Output Regulation
Figure 2. PFM Output Regulation
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2775


Similar Part No. - LM2775DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2775 TI1-LM2775 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775QDSGRQ1 TI1-LM2775QDSGRQ1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775QDSGTQ1 TI1-LM2775QDSGTQ1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results

Similar Description - LM2775DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com