Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP203B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HP203B
Description  PRECISION BAROMETER AND ALTIMETER SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HP203B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HP203B Datasheet HTML 4Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 5Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 6Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 7Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 8Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 9Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 10Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 11Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DataSheet
HP203B
HP203B_DataSheet_EN_V2.0
www.hoperf.com
8 / 18
4. 2.9 Read the Control Registers
.READ_REG (0x80+ register address)
This command allows the user to read out the control registers.
4. 2.10 Write the Control Registers
.WRITE_REG (0xc0 + register address)
This command allows the user to write in the control register
Table6: The Command Set
Name
Hex Code
Binary Code
Descriptions
SOFT_RST
0x06
0000 0110
Soft reset the device
ADC_CVT
NA
010_OSR_chnl
Perform ADC conversion
READ_PT
0x10
0001 0000
Read the temperature and pressure values
READ_AT
0x11
0001 0001
Read the temperature and altitude values
READ_P
0x30
0011 0000
Read the pressure value only
READ_A
0x31
0011 0001
Read the altitude value only
READ_T
0x32
0011 0010
Read the temperature value only
ANA_CAL
0x28
0010 1000
Re-calibrate the internal analog blocks
READ_REG
NA
10_addr
Read out the control registers
WRITE_REG
NA
11_addr
Write in the control registers
5. I²C Interface
The I²C interface is fully compatible to the official I²C protocol specification. All the data are sent
starting from the MSB. Successful communication between the host and the device via the I²C bus
can be done using the four types of protocol introduced below.
5.1 I²C Specification
Table7: I²C Slave Timing Values
Parameter
Symbol
I²C
Unit
Condition
Min
Typ.
Max
SCL Clock Frequency
FSCL
Pull-up = 10 kΩ
0
100
400
kHz
Bus free time between STOP and START
condition
tBUF
1.5
µs
Repeated START Hold Time
tHD.STA
0.6
µs
Repeated START Setup Time
tSU.STA
0.6
µs
STOP Condition Setup Time
tSU.STO
0.6
µs
SDA Data Hold Time
tHD.DAT
100
ns
SDA Setup Time
tSU.DAT
100
ns
SCL Clock Low Time
tLOW
1.5
µs
SCL Clock High Time
tHIGH
0.6
µs
SDA and SCL Rise Time
tR
30
500
ns
SDA and SCL Fall Time
tF
30
500
ns


Similar Part No. - HP203B

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
HP203B HOPE-HP203B Datasheet
860Kb / 18P
   PRECISION BAROMETER AND ALTIMETER SENSOR
More results

Similar Description - HP203B

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
HP206C HOPE-HP206C Datasheet
574Kb / 17P
   PRECISION BAROMETER AND ALTIMETER SENSOR
logo
List of Unclassifed Man...
HP206C ETC2-HP206C Datasheet
574Kb / 17P
   PRECISION BAROMETER AND ALTIMETER SENSOR
logo
HOPE Microelectronics C...
HP203B HOPE-HP203B Datasheet
860Kb / 18P
   PRECISION BAROMETER AND ALTIMETER SENSOR
HP5804 HOPE-HP5804 Datasheet
502Kb / 12P
   PRECISION BAROMETER AND ALTIMETER SENSOR
HP5806 HOPE-HP5806 Datasheet
725Kb / 25P
   PRECISION BAROMETER AND ALTIMETER SENSOR
HP203N HOPE-HP203N Datasheet
694Kb / 12P
   PRECISION BAROMETER AND ALTIMETER SENSOR
HP303S HOPE-HP303S Datasheet
889Kb / 30P
   PRECISION BAROMETER AND ALTIMETER SENSOR
HP206F HOPE-HP206F Datasheet
621Kb / 16P
   PRECISION BAROMETER AND ALTIMETER S
logo
Freescale Semiconductor...
AN1979 FREESCALE-AN1979 Datasheet
768Kb / 10P
   Altimeter and Barometer System
logo
List of Unclassifed Man...
SMD500 ETC2-SMD500 Datasheet
211Kb / 10P
   Altimeter / Barometer Module ultra low power, low voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com