Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2767 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2767
Description  LM2767 Switched Capacitor Voltage Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2767 Datasheet(HTML) 5 Page - Texas Instruments

  LM2767 Datasheet HTML 1Page - Texas Instruments LM2767 Datasheet HTML 2Page - Texas Instruments LM2767 Datasheet HTML 3Page - Texas Instruments LM2767 Datasheet HTML 4Page - Texas Instruments LM2767 Datasheet HTML 5Page - Texas Instruments LM2767 Datasheet HTML 6Page - Texas Instruments LM2767 Datasheet HTML 7Page - Texas Instruments LM2767 Datasheet HTML 8Page - Texas Instruments LM2767 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM2767
www.ti.com
SNVS069D – FEBRUARY 2000 – REVISED AUGUST 2015
6.5 Electrical Characteristics
Unless otherwise specified, typical limits are for TJ = 25°C, minimum and maximum limits apply over the full operating
temperature range: V+ = 5 V, C1 = C2 = 10 μF.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V+
Supply voltage
1.8
5.5
V
IQ
Supply current
No load
40
90
µA
IL
Output current
1.8 V
≤ V+ ≤ 5.5 V
15
mA
ROUT
Output resistance(2)
IL = 15 mA
20
40
Ω
ƒOSC
Oscillator frequency
See(3)
8
22
50
kHz
ƒSW
Switching frequency
See(3)
4
11
25
kHz
RL (5 kΩ) between GND and OUT
98%
PEFF
Power efficiency
IL = 15 mA to GND
96%
VOEFF
Voltage conversion efficiency
No load
99.96%
(1)
In the test circuit, capacitors C1 and C2 are 10-µF, 0.3-Ω maximum ESR capacitors. Capacitors with higher ESR may increase output
resistance, and reduce output voltage and efficiency.
(2)
Specified output resistance includes internal switch resistance and capacitor ESR. See the details in Application and Implementation for
positive voltage doubler.
(3)
The output switches operate at one half of the oscillator frequency, ƒOSC = 2 × ƒSW.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2767


Similar Part No. - LM2767

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2767 TI-LM2767 Datasheet
947Kb / 16P
[Old version datasheet]   LM2767 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2767M5 NSC-LM2767M5 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2767M5 TI-LM2767M5 Datasheet
947Kb / 16P
[Old version datasheet]   LM2767 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2767M5X NSC-LM2767M5X Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
More results

Similar Description - LM2767

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2767M5X TI-LM2767M5X Datasheet
947Kb / 16P
[Old version datasheet]   LM2767 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com