Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2770 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2770
Description  High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2770 Datasheet(HTML) 5 Page - Texas Instruments

  LM2770 Datasheet HTML 1Page - Texas Instruments LM2770 Datasheet HTML 2Page - Texas Instruments LM2770 Datasheet HTML 3Page - Texas Instruments LM2770 Datasheet HTML 4Page - Texas Instruments LM2770 Datasheet HTML 5Page - Texas Instruments LM2770 Datasheet HTML 6Page - Texas Instruments LM2770 Datasheet HTML 7Page - Texas Instruments LM2770 Datasheet HTML 8Page - Texas Instruments LM2770 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM2770
www.ti.com
SNVS318E – NOVEMBER 2004 – REVISED MAY 2013
Electrical Characteristics
(1)(2) (continued)
Limits in standard typeface are for TJ = 25ºC. Limits in boldface type apply over the full operating junction temperature range
(-30°C
≤ TJ ≤ +105°C) . Unless otherwise noted, specifications apply to the LM2770 Typical Application Circuit (pg. 1) with:
VIN = 3.6V; V(EN) = VSEL = 1.8V, V(SLEEP) = 0V, CIN = COUT = 10µF, C1 = C2 = 1.0µF.
(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Specifications Below Apply to All LM2770 Options
VIN = 3.6V, IOUT = 150mA
E
Power Efficiency
82
%
VOUT =1.5V
Average Eficiency over Li-Ion Input 3.0V
≤ VIN ≤ 4.2V
EAVG
73
%
Voltage Range(4)
IOUT = 200mA, VOUT = 1.5V
2.7V
≤ VIN ≤ 5.5V
Quiescent Supply Current: Full-
IQ
IOUT = 0mA
55
75
µA
power Mode
V(SLEEP) = 0V
2.7V
≤ VIN ≤ 5.5V
Quiescent Supply Current: Sleep
ISLEEP
IOUT = 0mA
50
65
µA
Mode
V(SLEEP) = 1.8V
2.7V
≤ VIN ≤ 5.5V
ISD
Shutdown Current
0.1
0.5
µA
V(EN) = 0V
0V
≤ VOUT ≤ 0.2V
ICL
Current Limit - Sleep Mode
60
mA
V(SLEEP) = 1.8V
tON
Turn-on Time
VIN = 3.6V, COUT = 10µF
200
µs
FSW
Switching Frequency
2.7V
≤ VIN ≤ 5.5V
475
700
925
kHz
Logic Pin Specifications: EN, ENA, ENB
VIL
Logic-low Input Voltage
2.7V
≤ VIN ≤ 5.5V
0
0.4
V
VIH
Logic-high Input Voltage
2.7V
≤ VIN ≤ 5.5V
1.0
VIN
V
Logic-high Input Current: SLEEP
IIH
Logic Input = 3.0V
0.1
µA
and VSEL pins
IIH-EN
Logic-high Input Current: EN pin(5)
V(EN) = 1.8V
6
µA
Logic-low Input Current: All Logic
IIL
Logic Input = 0V
0
µA
Pins
(4)
Efficiency is measured versus VIN, with VIN being swept in small increments from 3.0V to 4.2V. The average is calculated from these
measurement results. Weighting to account for battery voltage discharge characteristics (VBAT vs. Time) is not done in computing the
average.
(5)
There is a 300k
Ω pull-down resistor connected internally between the EN pin and GND.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2770


Similar Part No. - LM2770

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2770 NSC-LM2770 Datasheet
796Kb / 14P
   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
LM2770SD-1215 NSC-LM2770SD-1215 Datasheet
796Kb / 14P
   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
LM2770SD-12157 NSC-LM2770SD-12157 Datasheet
796Kb / 14P
   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
LM2770SDX-1215 NSC-LM2770SDX-1215 Datasheet
796Kb / 14P
   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
LM2770SDX-12157 NSC-LM2770SDX-12157 Datasheet
796Kb / 14P
   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
More results

Similar Description - LM2770

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2770 NSC-LM2770 Datasheet
796Kb / 14P
   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
Linear Technology
LTC1515 LINER-LTC1515_15 Datasheet
219Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1515 LINER-LTC1515 Datasheet
233Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com