Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2734 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2734
Description  LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2734 Datasheet(HTML) 5 Page - Texas Instruments

  LM2734_15 Datasheet HTML 1Page - Texas Instruments LM2734_15 Datasheet HTML 2Page - Texas Instruments LM2734_15 Datasheet HTML 3Page - Texas Instruments LM2734_15 Datasheet HTML 4Page - Texas Instruments LM2734_15 Datasheet HTML 5Page - Texas Instruments LM2734_15 Datasheet HTML 6Page - Texas Instruments LM2734_15 Datasheet HTML 7Page - Texas Instruments LM2734_15 Datasheet HTML 8Page - Texas Instruments LM2734_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM2734
www.ti.com
SNVS288J – SEPTEMBER 2004 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
VIN = 5V, VBOOST - VSW = 5V unless otherwise specified. Datasheet min/max specification limits are ensured by design, test, or
statistical analysis.
TJ = 25°C
TJ = -40°C to 125°C
PARAMETER
TEST CONDITIONS
UNIT
MIN(1)
TYP(2)
MAX(1)
MIN
TYP
MAX
VFB
Feedback Voltage
0.800
0.784
0.816
V
ΔVFB
Feedback Voltage Line
VIN = 3V to 20V
0.01
% / V
VIN
Regulation
Feedback Input Bias
Sink/Source
IFB
10
250
nA
Current
Undervoltage Lockout
VIN Rising
2.74
2.90
UVLO
Undervoltage Lockout
VIN Falling
2.3
2.0
V
UVLO Hysteresis
0.44
0.30
0.62
LM2734X
1.6
1.2
1.9
FSW
Switching Frequency
MHz
LM2734Y
0.55
0.40
0.66
LM2734X
92
85%
DMAX
Maximum Duty Cycle
LM2734Y
96
90%
LM2734X
2%
DMIN
Minimum Duty Cycle
LM2734Y
1%
RDS(ON) Switch ON Resistance
VBOOST - VSW = 3V
300
600
m
ICL
Switch Current Limit
VBOOST - VSW = 3V
1.7
1.2
2.5
A
IQ
Quiescent Current
Switching
1.5
2.5
mA
Quiescent Current
VEN = 0V
30
nA
(shutdown)
LM2734X (50% Duty
2.5
3.5
Cycle)
IBOOST
Boost Pin Current
mA
LM2734Y (50% Duty
1.0
1.8
Cycle)
Shutdown Threshold
VEN Falling
0.4
Voltage
VEN_TH
V
Enable Threshold
VEN Rising
1.8
Voltage
IEN
Enable Pin Current
Sink/Source
10
nA
ISW
Switch Leakage
40
nA
(1)
Specified to Average Outgoing Quality Level (AOQL).
(2)
Typicals represent the most likely parametric norm.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2734


Similar Part No. - LM2734_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734-Q1 TI1-LM2734-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341 TI-LM27341 Datasheet
2Mb / 44P
[Old version datasheet]   LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341-Q1 TI-LM27341-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Similar Description - LM2734_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com