Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2682 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2682
Description  LM2682 Switched Capacitor Voltage Doubling Inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2682 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2682_15 Datasheet HTML 3Page - Texas Instruments LM2682_15 Datasheet HTML 4Page - Texas Instruments LM2682_15 Datasheet HTML 5Page - Texas Instruments LM2682_15 Datasheet HTML 6Page - Texas Instruments LM2682_15 Datasheet HTML 7Page - Texas Instruments LM2682_15 Datasheet HTML 8Page - Texas Instruments LM2682_15 Datasheet HTML 9Page - Texas Instruments LM2682_15 Datasheet HTML 10Page - Texas Instruments LM2682_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM2682
www.ti.com
SNVS044B – NOVEMBER 1999 – REVISED MAY 2013
PARALLELING DEVICES
Any number of devices can be paralleled to reduce the output resistance. As shown in Figure 8, each device
must have its own pumping capacitors, C1 and C2, but only one shared output capacitor is required. The
effective output resistance is the output resistance of one device divided by the number of devices used in
parallel. Paralleling devices also gives the capability of increasing the maximum output current. The maximum
output current now becomes the maximum output current for one device multiplied by the number of devices
used in parallel. For example, if you parallel two devices you can get 20 mA of output current and have half the
output resistance of one device supplying 10 mA.
Figure 8. Paralleling Devices
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2682


Similar Part No. - LM2682_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2682M NSC-LM2682M Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
LM2682MM NSC-LM2682MM Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
LM2682MMX NSC-LM2682MMX Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
LM2682MX NSC-LM2682MX Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
More results

Similar Description - LM2682_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com