Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2663M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2663M
Description  LM266x Switched Capacitor Voltage Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2663M Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2663M Datasheet HTML 6Page - Texas Instruments LM2663M Datasheet HTML 7Page - Texas Instruments LM2663M Datasheet HTML 8Page - Texas Instruments LM2663M Datasheet HTML 9Page - Texas Instruments LM2663M Datasheet HTML 10Page - Texas Instruments LM2663M Datasheet HTML 11Page - Texas Instruments LM2663M Datasheet HTML 12Page - Texas Instruments LM2663M Datasheet HTML 13Page - Texas Instruments LM2663M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
FC(SD)
OSC
LM2662 (LM2663)
LV
V+
CAP+
OUT
GND
OSCILLATOR
Switch Array
Switch Drivers
CAP-
LM2662, LM2663
SNVS002E – JANUARY 1999 – REVISED OCTOBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The LM2662/LM2663 contains four large CMOS switches which are switched in a sequence to invert the input
supply voltage. Energy transfer and storage are provided by external capacitors. Figure 16 illustrates the voltage
conversion scheme. When S1 and S3 are closed, C1 charges to the supply voltage V+. During this time interval
switches S2 and S4 are open. In the second time interval, S1 and S3 are open and S2 and S4 are closed, C1 is
charging C2. After a number of cycles, the voltage across C2 will be pumped to V+. Since the anode of C2 is
connected to ground, the output at the cathode of C2 equals −(V+) assuming no load on C2, no loss in the
switches, and no ESR in the capacitors. In reality, the charge transfer efficiency depends on the switching
frequency, the on-resistance of the switches, and the ESR of the capacitors.
Figure 16. Voltage Inverting Principle
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Changing Oscillator Frequency
For the LM2662, the internal oscillator frequency can be selected using the Frequency Control (FC) pin. When
FC is open, the oscillator frequency is 20 kHz; when FC is connected to V+, the frequency increases to 150 kHz.
A higher oscillator frequency allows smaller capacitors to be used for equivalent output resistance and ripple, but
increases the typical supply current from 0.3 mA to 1.3 mA.
The oscillator frequency can be lowered by adding an external capacitor between OSC and GND (See typical
performance characteristics). Also, in the inverter mode, an external clock that swings within 100 mV of V+ and
GND can be used to drive OSC. Any CMOS logic gate is suitable for driving OSC. LV must be grounded when
driving OSC. The maximum external clock frequency is limited to 150 kHz.
The switching frequency of the converter (also called the charge pump frequency) is half of the oscillator
frequency.
NOTE
OSC cannot be driven by an external clock in the voltage-doubling mode.
10
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM2662 LM2663


Similar Part No. - LM2663M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2663M NSC-LM2663M Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2663M TI-LM2663M Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
LM2663MX TI-LM2663MX Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
More results

Similar Description - LM2663M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com