Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2651 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2651
Description  LM2651 1.5A High Efficiency Synchronous Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2651 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2651_15 Datasheet HTML 6Page - Texas Instruments LM2651_15 Datasheet HTML 7Page - Texas Instruments LM2651_15 Datasheet HTML 8Page - Texas Instruments LM2651_15 Datasheet HTML 9Page - Texas Instruments LM2651_15 Datasheet HTML 10Page - Texas Instruments LM2651_15 Datasheet HTML 11Page - Texas Instruments LM2651_15 Datasheet HTML 12Page - Texas Instruments LM2651_15 Datasheet HTML 13Page - Texas Instruments LM2651_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM2651
SNVS032D – FEBRUARY 2000 – REVISED APRIL 2013
www.ti.com
A higher value of ripple current reduces inductance, but increases the conductance loss, core loss, current stress
for the inductor and switch devices. It also requires a bigger output capacitor for the same output voltage ripple
requirement. A reasonable value is setting the ripple current to be 30% of the DC output current. Since the ripple
current increases with the input voltage, the maximum input voltage is always used to determine the inductance.
The DC resistance of the inductor is a key parameter for the efficiency. Lower DC resistance is available with a
bigger winding area. A good tradeoff between the efficiency and the core size is letting the inductor copper loss
equal 2% of the output power.
OUTPUT CAPACITOR
The selection of COUT is driven by the maximum allowable output voltage ripple. The output ripple in the constant
frequency, PWM mode is approximated by:
(3)
The ESR term usually plays the dominant role in determining the voltage ripple. A low ESR aluminum electrolytic
or tantalum capacitor (such as Nichicon PL series, Sanyo OS-CON, Sprague 593D, 594D, AVX TPS, and CDE
polymer aluminum) is recommended. An electrolytic capacitor is not recommended for temperatures below
−25°C since its ESR rises dramatically at cold temperature. A tantalum capacitor has a much better ESR
specification at cold temperature and is preferred for low temperature applications.
The output voltage ripple in constant frequency mode has to be less than the sleep mode voltage hysteresis to
avoid entering the sleep mode at full load:
VRIPPLE < 20mV x VOUT /VFB
(4)
BOOST CAPACITOR
A 0.1
μF ceramic capacitor is recommended for the boost capacitor. The typical voltage across the boost
capacitor is 6.7V.
SOFT-START CAPACITOR
A soft-start capacitor is used to provide the soft-start feature. When the input voltage is first applied, or when the
SD(SS) pin is allowed to go high, the soft-start capacitor is charged by a current source (approximately 2
μA).
When the SD(SS) pin voltage reaches 0.6V (shutdown threshold), the internal regulator circuitry starts to
operate. The current charging the soft-start capacitor increases from 2
μA to approximately 10 μA. With the
SD(SS) pin voltage between 0.6V and 1.3V, the level of the current limit is zero, which means the output voltage
is still zero. When the SD(SS) pin voltage increases beyond 1.3V, the current limit starts to increase. The switch
duty cycle, which is controlled by the level of the current limit, starts with narrow pulses and gradually gets wider.
At the same time, the output voltage of the converter increases towards the nominal value, which brings down
the output voltage of the error amplifier. When the output of the error amplifier is less than the current limit
voltage, it takes over the control of the duty cycle. The converter enters the normal current-mode PWM
operation. The SD(SS) pin voltage is eventually charged up to about 2V.
The soft-start time can be estimated as:
TSS = CSS x 0.6V/2 μA + CSS x (2V−0.6V)/10 μA
(5)
R1 AND R2 (Programming Output Voltage)
Use the following formula to select the appropriate resistor values:
VOUT = VREF(1 + R1/R2)
where
VREF = 1.238V
(6)
Select resistors between 10k
Ω and 100kΩ. (1% or higher accuracy metal film resistors for R1 and R2.)
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2651


Similar Part No. - LM2651_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI1-LM2651_16 Datasheet
887Kb / 23P
[Old version datasheet]   1.5 A High-Efficiency Synchronous Switching Regulator
More results

Similar Description - LM2651_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   LM2653 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com