Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2585SX-5.0 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585SX-5.0
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585SX-5.0 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2585SX-5.0 Datasheet HTML 6Page - Texas Instruments LM2585SX-5.0 Datasheet HTML 7Page - Texas Instruments LM2585SX-5.0 Datasheet HTML 8Page - Texas Instruments LM2585SX-5.0 Datasheet HTML 9Page - Texas Instruments LM2585SX-5.0 Datasheet HTML 10Page - Texas Instruments LM2585SX-5.0 Datasheet HTML 11Page - Texas Instruments LM2585SX-5.0 Datasheet HTML 12Page - Texas Instruments LM2585SX-5.0 Datasheet HTML 13Page - Texas Instruments LM2585SX-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM2585
SNVS120F – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Test Circuits
CIN1—100 μF, 25V Aluminum Electrolytic
CIN2—0.1 μF Ceramic
T—22
μH, 1:1 Schott #67141450
D—1N5820
COUT—680 μF, 16V Aluminum Electrolytic
CC—0.47 μF Ceramic
RC—2k
Figure 19. LM2585-3.3 and LM2585-5.0
CIN1—100 μF, 25V Aluminum Electrolytic
CIN2—0.1 μF Ceramic
L—15
μH, Renco #RL-5472-5
D—1N5820
COUT—680 μF, 16V Aluminum Electrolytic
CC—0.47 μF Ceramic
RC—2k
For 12V Devices: R1 = Short (0Ω) and R2 = Open
For ADJ Devices: R1 = 48.75k, ±0.1% and R2 = 5.62k, ±1%
Figure 20. LM2585-12 and LM2585-ADJ
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2585


Similar Part No. - LM2585SX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585SX-5.0 NSC-LM2585SX-5.0 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2585SX-5.0 NSC-LM2585SX-5.0 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
More results

Similar Description - LM2585SX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com