Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2585S-ADJ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585S-ADJ
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585S-ADJ Datasheet(HTML) 2 Page - Texas Instruments

  LM2585S-ADJ Datasheet HTML 1Page - Texas Instruments LM2585S-ADJ Datasheet HTML 2Page - Texas Instruments LM2585S-ADJ Datasheet HTML 3Page - Texas Instruments LM2585S-ADJ Datasheet HTML 4Page - Texas Instruments LM2585S-ADJ Datasheet HTML 5Page - Texas Instruments LM2585S-ADJ Datasheet HTML 6Page - Texas Instruments LM2585S-ADJ Datasheet HTML 7Page - Texas Instruments LM2585S-ADJ Datasheet HTML 8Page - Texas Instruments LM2585S-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LM2585
SNVS120F – APRIL 2000 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage
−0.4V ≤ VIN ≤ 45V
Switch Voltage
−0.4V ≤ VSW ≤ 65V
Switch Current (3)
Internally Limited
Compensation Pin Voltage
−0.4V ≤ VCOMP ≤ 2.4V
Feedback Pin Voltage
−0.4V ≤ VFB ≤ 2V
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec.)
260°C
Maximum Junction Temperature(4)
150°C
Power Dissipation (4)
Internally Limited
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions the
device is intended to be functional, but device parameter specifications may not be specified under these conditions. For specifications
and test conditions see Electrical Characteristics (All Versions).
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Note that switch current and output current are not identical in a step-up regulator. Output current cannot be internally limited when the
LM2585 is used as a step-up regulator. To prevent damage to the switch, the output current must be externally limited to 3A. However,
output current is internally limited when the LM2585 is used as a flyback regulator (See Application Hints for more information).
(4)
The junction temperature of the device (TJ) is a function of the ambient temperature (TA), the junction-to-ambient thermal resistance
(
θJA), and the power dissipation of the device (PD). A thermal shutdown will occur if the temperature exceeds the maximum junction
temperature of the device: PD × θJA + TA(MAX) ≥ TJ(MAX). For a safe thermal design, check that the maximum power dissipated by the
device is less than: PD ≤ [TJ(MAX) − TA(MAX))]/θJA. When calculating the maximum allowable power dissipation, derate the maximum
junction temperature—this ensures a margin of safety in the thermal design.
Operating Ratings
Supply Voltage
4V
≤ VIN ≤ 40V
Output Switch Voltage
0V
≤ VSW ≤ 60V
Output Switch Current
ISW ≤ 3.0A
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2585


Similar Part No. - LM2585S-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585S-ADJ NSC-LM2585S-ADJ Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2585S-ADJ NSC-LM2585S-ADJ Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
More results

Similar Description - LM2585S-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com