Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2621 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2621
Description  LM2621 Low Input Voltage, Step-Up DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2621 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2621_15 Datasheet HTML 5Page - Texas Instruments LM2621_15 Datasheet HTML 6Page - Texas Instruments LM2621_15 Datasheet HTML 7Page - Texas Instruments LM2621_15 Datasheet HTML 8Page - Texas Instruments LM2621_15 Datasheet HTML 9Page - Texas Instruments LM2621_15 Datasheet HTML 10Page - Texas Instruments LM2621_15 Datasheet HTML 11Page - Texas Instruments LM2621_15 Datasheet HTML 12Page - Texas Instruments LM2621_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM2621
www.ti.com
SNVS033C – MAY 2004 – REVISED MARCH 2005
Table 1. Suggested Manufacturers List
Inductors
Capacitors
Diodes
Coilcraft
Sprague/ Vishay
Motorola
Tel: (800) 322-2645
Tel: (207) 324-4140
Tel: (800) 521-6274
Fax: (708) 639-1469
Fax: (207) 324-7223
Fax: (602) 244-6609
Coiltronics
Kemet
International Rectifier (IR)
Tel: (407) 241-7876
Tel: (864) 963-6300
Tel: (310) 322-3331
Fax: (407) 241-9339
Fax: (864) 963-6521
Fax: (310) 322-3332
Pulse Engineering
Nichicon
General Semiconductor
Tel: (619) 674-8100
Tel: (847) 843-7500
Tel: (516) 847-3222
Fax: (619) 674-8262
Fax: (847) 843-2798
Fax: (516) 847-3150
PC BOARD LAYOUT
High switching frequencies and high peak currents make a proper layout of the PC board an important part of
design. Poor design can cause excessive EMI and ground-bounce, both of which can cause malfunction and loss
of regulation by corrupting voltage feedback signal and injecting noise into the control section.
Power components - such as the inductor, input and output filter capacitors, and output diode - should be placed
as close to the regulator IC as possible, and their traces should be kept short, direct and wide. The ground pins
of the input and output filter capacitors and the PGND and SGND pins of LM2621 should be connected using
short, direct and wide traces. The voltage feedback network (RF1, RF2, and CF1) should be kept very close to the
FB pin. Noisy traces, such as from the SW pin, should be kept away from the FB and VDD pins. The traces that
run between Vout and the FB pin of the IC should be kept away from the inductor flux. Always provide sufficient
copper area to dissipate the heat due to power loss in the circuitry and prevent the thermal protection circuitry in
the IC from shutting the IC down.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2621


Similar Part No. - LM2621_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
More results

Similar Description - LM2621_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com