Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10N70KG-TF1-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 10N70KG-TF1-T
Description  N-CHANNEL JUNCTION FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N70KG-TF1-T Datasheet(HTML) 1 Page - Unisonic Technologies

  10N70KG-TF1-T Datasheet HTML 1Page - Unisonic Technologies 10N70KG-TF1-T Datasheet HTML 2Page - Unisonic Technologies 10N70KG-TF1-T Datasheet HTML 3Page - Unisonic Technologies 10N70KG-TF1-T Datasheet HTML 4Page - Unisonic Technologies 10N70KG-TF1-T Datasheet HTML 5Page - Unisonic Technologies 10N70KG-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
10N70K
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A69.A
10A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 10N70K is an N-channel Power MOSFET using UTC’s
advanced technology to provide customers a minimum on-state
resistance and superior switching performance, etc.
The UTC 10N70K is generally applied in high efficient DC to DC
converters, PWM motor controls and bridge circuits, etc.
FEATURES
* RDS(ON)<1.1Ω @ VGS=10V
* Low Gate Charge (Typical 44nC)
* Low CRSS ( typical 10 pF)
* High Switching Speed
* Improved dv/dt capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
10N70KL-TF1-T
10N70KG-TF1-T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube
(2) TF1: TO-220F1
(3) L: Lead Free, G: Halogen Free
10N70KL-TF1-T
(1)Packing Type
(2)Package Type
(3)Lead Free
MARKING INFORMATION
PACKAGE
MARKING
TO-220F1


Similar Part No. - 10N70KG-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N70 UTC-10N70 Datasheet
196Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
10N70 ISC-10N70 Datasheet
61Kb / 2P
   Simple Drive Requirements
logo
Unisonic Technologies
10N70 UTC-10N70 Datasheet
243Kb / 7P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
logo
Inchange Semiconductor ...
10N70-3PN ISC-10N70-3PN Datasheet
205Kb / 2P
   N-Channel MOSFET Transistor
logo
Unisonic Technologies
10N70-C UTC-10N70-C Datasheet
218Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - 10N70KG-TF1-T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF222 SANYO-TF222 Datasheet
51Kb / 4P
   N-channel Junction FET
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
RJN1164 ETC1-RJN1164 Datasheet
175Kb / 4P
   N-Channel Junction FET
logo
Panasonic Semiconductor
XP1D874 PANASONIC-XP1D874 Datasheet
28Kb / 2P
   N-channel junction FET
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
NXP Semiconductors
BF862 NXP-BF862_00 Datasheet
87Kb / 12P
   N-channel junction FET
2000 Jan 05
logo
Unisonic Technologies
2SK2751 UTC-2SK2751_07 Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S_15 Datasheet
199Kb / 4P
   N-CHANNEL JUNCTION FET
logo
AUK corp
STK596M AUK-STK596M Datasheet
342Kb / 5P
   N-Channel Junction FET
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
   N-CHANNEL JUNCTION FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com