Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7N65L-TF2-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 7N65L-TF2-T
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N65L-TF2-T Datasheet(HTML) 5 Page - Unisonic Technologies

  7N65L-TF2-T Datasheet HTML 1Page - Unisonic Technologies 7N65L-TF2-T Datasheet HTML 2Page - Unisonic Technologies 7N65L-TF2-T Datasheet HTML 3Page - Unisonic Technologies 7N65L-TF2-T Datasheet HTML 4Page - Unisonic Technologies 7N65L-TF2-T Datasheet HTML 5Page - Unisonic Technologies 7N65L-TF2-T Datasheet HTML 6Page - Unisonic Technologies 7N65L-TF2-T Datasheet HTML 7Page - Unisonic Technologies 7N65L-TF2-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7N65-F
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-998. A
TEST CIRCUITS AND WAVEFORMS (Cont.)
VGS
D.U.T.
RG
10V
VDS
RL
Pulse Width≤ 1μs
Duty Factor≤0.1%
VDD
Switching Test Circuit
Switching Waveforms
50kΩ
0.3µF
DUT
Same
Type as
D.U.T.
0.2µF
12V
VGS
3mA
VDS
Gate Charge Test Circuit
Gate Charge Waveform
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 7N65L-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65L-TF2-T UTC-7N65L-TF2-T Datasheet
173Kb / 6P
   7.4A, 650V N-CHANNEL POWER MOSFET
7N65L-TF2-T UTC-7N65L-TF2-T Datasheet
374Kb / 9P
   N-CHANNEL POWER MOSFET
7N65L-TF2-T UTC-7N65L-TF2-T Datasheet
347Kb / 8P
   N-CHANNEL POWER MOSFET
7N65L-TF2-T UTC-7N65L-TF2-T Datasheet
206Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 7N65L-TF2-T

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N4860 NJSEMI-2N4860 Datasheet
161Kb / 2P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR
logo
Micro Electronics
2N3823 MICRO-ELECTRONICS-2N3823 Datasheet
237Kb / 2P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
KTX598TF KEC-KTX598TF Datasheet
37Kb / 2P
   N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Unisonic Technologies
TF215 UTC-TF215_15 Datasheet
160Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
9N90-Q UTC-9N90-Q Datasheet
246Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2302 UTC-UT2302_15 Datasheet
294Kb / 5P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2308 UTC-UT2308_15 Datasheet
158Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTD351 UTC-UTD351_15 Datasheet
334Kb / 5P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UF520 UTC-UF520_15 Datasheet
197Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTT10N10 UTC-UTT10N10_15 Datasheet
158Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT4404 UTC-UT4404_15 Datasheet
251Kb / 4P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com