Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N70KG-TMS-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 6N70KG-TMS-T
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N70KG-TMS-T Datasheet(HTML) 1 Page - Unisonic Technologies

  6N70KG-TMS-T Datasheet HTML 1Page - Unisonic Technologies 6N70KG-TMS-T Datasheet HTML 2Page - Unisonic Technologies 6N70KG-TMS-T Datasheet HTML 3Page - Unisonic Technologies 6N70KG-TMS-T Datasheet HTML 4Page - Unisonic Technologies 6N70KG-TMS-T Datasheet HTML 5Page - Unisonic Technologies 6N70KG-TMS-T Datasheet HTML 6Page - Unisonic Technologies 6N70KG-TMS-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N70K-MT
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-B02.D
6.0A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 6N70K-MT is an N-channel mode power MOSFET
using UTC’s advanced technology to provide customers with a
minimum on-state resistance, high switching speed, low gate
charge and low input capacitance.
The UTC 6N70K-MT is universally applied in high efficiency
switch mode power supply.
FEATURES
* RDS(ON)<1.60Ω @ VGS=10V, ID = 3 A
* High switching speed
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
6N70KL-TF3-T
6N70KG-TF3-T
TO-220F
G
D
S
Tube
6N70KL-TF1-T
6N70KG-TF1-T
TO-220F1
G
D
S
Tube
6N70KL-TF2-T
6N70KG-TF2-T
TO-220F2
G
D
S
Tube
6N70KL-TF3T-T
6N70KG-TF3T-T
TO-220F3
G
D
S
Tube
6N70KL-TM3-T
6N70KG-TM3-T
TO-251
G
D
S
Tube
6N70KL-TMS-T
6N70KG-TMS-T
TO-251S
G
D
S
Tube
6N70KL-TMS2-T
6N70KG-TMS2-T
TO-251S2
G
D
S
Tube
6N70KL-TMS4-T
6N70KG-TMS4-T
TO-251S4
G
D
S
Tube
6N70KL-TN3-R
6N70KG-TN3-R
TO-252
G
D
S
Tape Reel
6N70KL-TND-R
6N70KG-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 6N70KG-TMS-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N70KG-TMS-T UTC-6N70KG-TMS-T Datasheet
225Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 6N70KG-TMS-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com