Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7N60L-TA3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 7N60L-TA3-T
Description  N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60L-TA3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  7N60L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 7N60L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 7N60L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 7N60L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 7N60L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 7N60L-TA3-T Datasheet HTML 6Page - Unisonic Technologies 7N60L-TA3-T Datasheet HTML 7Page - Unisonic Technologies 7N60L-TA3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7N60-R
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-984. A
TEST CIRCUITS AND WAVEFORMS (Cont.)
VGS
D.U.T.
RG
10V
VDS
RL
Pulse Width≤ 1μs
Duty Factor≤0.1%
VDD
Switching Test Circuit
Switching Waveforms
50kΩ
0.3µF
DUT
Same
Type as
D.U.T.
0.2µF
12V
VGS
3mA
VDS
Gate Charge Test Circuit
Gate Charge Waveform
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 7N60L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60L-TA3-T UTC-7N60L-TA3-T Datasheet
145Kb / 7P
   7.4 Amps, 600 Volts N-CHANNEL MOSFET
7N60L-TA3-T UTC-7N60L-TA3-T Datasheet
193Kb / 6P
   7.4A, 600V N-CHANNEL POWER MOSFET
7N60L-TA3-T UTC-7N60L-TA3-T Datasheet
349Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
7N60L-TA3-T UTC-7N60L-TA3-T Datasheet
205Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
7N60L-TA3-T UTC-7N60L-TA3-T Datasheet
205Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 7N60L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N65Z UTC-6N65Z_15 Datasheet
245Kb / 6P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF202 UTC-TF202_11 Datasheet
212Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF202 UTC-TF202_15 Datasheet
208Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123 Datasheet
201Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
2N60K-TA UTC-2N60K-TA Datasheet
242Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123_15 Datasheet
193Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
5N80 UTC-5N80_15 Datasheet
248Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
8N60 UTC-8N60_15 Datasheet
238Kb / 9P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
13N40K-MT UTC-13N40K-MT Datasheet
216Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF212 UTC-TF212_15 Datasheet
163Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com