Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N70L-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 6N70L-TF3-T
Description  N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N70L-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  6N70L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6N70-C
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-A52.c
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
700
V
Gate-Source Voltage (Note 2)
VGSS
±30
V
Drain Current
Continuous
TC=25°C
ID
6
A
TC=100°C
3.8
A
Pulsed
IDM
24
A
Avalanche Current (Note 2)
IAR
6
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
108
mJ
Repetitive (Note 2)
EAR
13
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
2.5
V/ns
Power Dissipation
TO-220F
PD
40
W
TO-220F2
42
TO-251/TO-251S
TO-251S2/TO-251S4
55
Linear Derarting Factor
TO-220F
PD
0.32
W/°C
TO-220F2
0.33
TO-251/TO-251S
TO-251S2/TO-251S4
0.44
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 6mH, IAS = 6A, VDD = 50V, RG = 27Ω, Starting TJ = 25°C
4. ISD ≤ 6A, di/dt ≤140A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220F/TO-220F2
θJA
62.5
°С/W
TO-251/TO-251S
TO-251S2/TO-251S4
110
°С/W
Junction to Case
TO-220F
θJC
3.1
°С/W
TO-220F2
2.9
°С/W
TO-251/TO-251S
TO-251S2/TO-251S4
2.27
°С/W


Similar Part No. - 6N70L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N70L-TF3-T UTC-6N70L-TF3-T Datasheet
174Kb / 6P
   6.0A, 700V N-CHANNEL POWER MOSFET
6N70L-TF3-T UTC-6N70L-TF3-T Datasheet
198Kb / 6P
   N-CHANNEL POWER MOSFET
6N70L-TF3-T UTC-6N70L-TF3-T Datasheet
352Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 6N70L-TF3-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com